Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6022T-E/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6022T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP6021/2/3/4
DS21685B-page 14
 2003 Microchip Technology Inc.
1.
Inverting (Figure 3-7) and Transimpedance
Gain Amplifiers (convert current to voltage, such
as photo detectors).
a.
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp’s input (e.g., VDD/2 or ground).
b.
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
2.
Non-inverting Gain and Unity-Gain Buffer
a.
Connect the guard ring to the inverting input
pin (VIN–); this biases the guard ring to the
common mode input voltage.
b.
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
3.8
High-Speed PCB Layout
Due to their speed capabilities, a little extra care in the
PCB (Printed Circuit Board) layout can make a
significant difference in the performance of these op
amps. Good PC board layout techniques will help you
achieve the performance shown in the Electrical
Characteristics and Typical Performance Curves, while
also helping you minimize EMC (Electro-Magnetic
Compatibility) issues.
Use a solid ground plane and connect the bypass local
capacitor(s) to this plane with minimal length traces.
This cuts down inductive and capacitive crosstalk.
Separate digital from analog, low-speed from high-
speed and low power from high power. This will reduce
interference.
Keep sensitive traces short and straight. Separating
them from interfering components and traces. This is
especially important for high-frequency (low rise-time)
signals.
Sometimes it helps to place guard traces next to victim
traces. They should be on both sides of the victim
trace, and as close as possible. Connect the guard
trace to ground plane at both ends, and in the middle
for long traces.
Use coax cables (or low inductance wiring) to route
signal and power to and from the PCB.
3.9
Typical Applications
3.9.1
A/D CONVERTER DRIVER AND
ANTI-ALIASING FILTER
Figure 3-8 shows a third-order Butterworth filter that
can be used as an A/D converter driver. It has a band-
width of 20 kHz and a reasonable step response. It will
work well for conversion rates of 80 ksps and greater (it
has 29 dB attenuation at 60 kHz).
FIGURE 3-8:
A/D converter driver and
anti-aliasing filter with a 20 kHz cutoff frequency.
This filter can easily be adjusted to another bandwidth
by multiplying all capacitors by the same factor.
Alternatively, the resistors can all be scaled by another
common factor to adjust the bandwidth.
3.9.2
OPTICAL DETECTOR AMPLIFIER
Figure 3-9 shows the MCP6021 op amp used as a
transimpedance amplifier in a photo detector circuit.
The photo detector looks like a capacitive current
source, so the 100 k
Ω resistor gains the input signal to
a reasonable level. The 5.6 pF capacitor stabilizes this
circuit and produces a flat frequency response with a
bandwidth of 370 kHz.
FIGURE 3-9:
Transimpedance amplifier
for an optical detector.
14.7 k
Ω 33.2 kΩ
1.0 nF
100 pF
MCP602X
8.45 k
Ω
1.2 nF
Photo
Detector
100 pF
5.6 pF
100 k
Ω
VDD/2
MCP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com