Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LTH2 Marking, LT3465 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 1 Page - Linear Technology

  LT3465 Datasheet HTML 1Page - Linear Technology LT3465 Datasheet HTML 2Page - Linear Technology LT3465 Datasheet HTML 3Page - Linear Technology LT3465 Datasheet HTML 4Page - Linear Technology LT3465 Datasheet HTML 5Page - Linear Technology LT3465 Datasheet HTML 6Page - Linear Technology LT3465 Datasheet HTML 7Page - Linear Technology LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3465/LT3465A
1
3465afa
, LTC and LT are registered trademarks of Linear Technology Corporation. ThinSOT is a
trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
■ Inherently Matched LED Current
■ Drives Up to Six LEDs from a 3.6V Supply
■ No External Schottky Diode Required
■ 1.2MHz Switching Frequency (LT3465)
■ 2.4MHz Switching Frequency Above AM Broadcast
Band (LT3465A)
■ VIN Range: 2.7V to 16V
■ VOUT(MAX) = 30V
■ Automatic Soft-Start (LT3465)
■ Open LED Protection
■ High Efficiency: 81% (LT3465) 79% (LT3465A)
Typical
■ Requires Only 0.22
µF Output Capacitor
■ Low Profile (1mm) SOT-23
1.2MHz/2.4MHz White
LED Drivers with Built-in
Schottky in ThinSOT
■ Cellular Phones
■ PDAs, Handheld Computers
■ Digital Cameras
■ MP3 Players
■ GPS Receivers
The LT
®3465/LT3465A are step-up DC/DC converters
designed to drive up to six LEDs in series from a Li-Ion cell.
Series connection of the LEDs provides identical LED
currents and eliminates the need for ballast resistors.
These devices integrate the Schottky diode required exter-
nally on competing devices. Additional features include
output voltage limiting when LEDs are disconnected, one-
pin shutdown and dimming control. The LT3465 has
internal soft-start.
The LT3465 switches at 1.2MHz, allowing the use of tiny
external components. The faster LT3465A switches at
2.4MHz. Constant frequency switching results in low input
noise and a small output capacitor. Just 0.22
µF is required
for 3-, 4- or 5-LED applications.
The LT3465 and LT3465A are available in the low profile
(1mm) 6-lead SOT-23 (ThinSOT
TM) package.
Figure 1. Li-Ion Powered Driver for Four White LEDs
SW
VOUT
VIN
LT3465/
LT3465A
CTRL
3465A F01a
10
Ω
C1
1
µF
C2
0.22
µF
C1, C2: X5R OR X7R DIELECTRIC
L1: MURATA LQH32CN220
L1
22
µH
3V TO 5V
SHUTDOWN
AND DIMMING
CONTROL
FB
GND
LED CURRENT (mA)
0
78
80
20
3465A F01b
76
60
70
68
66
64
62
72
74
5
10
15
82
VIN = 3.6V
4 LEDs
LT3465
LT3465A
Conversion Efficiency


Similar Description - LT3465

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT3465AES6 LINER-LT3465AES6 Datasheet
375Kb / 12P
1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3465A LINER-LT3465A_15 Datasheet
344Kb / 16P
1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16