| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 12 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 12 Page - Linear Technology |
|
12 / 16 page ![]() LT3465/LT3465A 12 3465afa APPLICATIO S I FOR ATIO Figure 9. Open-Circuit Protection The LT3465 and LT3465A have an internal open-circuit protection circuit. In the cases of output open circuit, when the LEDs are disconnected from the circuit or the LEDs fail, the VOUT is clamped at 30V. The LT3465 and LT3465A will then switch at a very low frequency to minimize the input current. VOUT and input current during output open circuit are shown in the Typical Performance Characteristics. Board Layout Consideration As with all switching regulators, careful attention must be paid to the PCB board layout and component placement. To maximize efficiency, switch rise and fall times are made as short as possible. To prevent electromagnetic interference (EMI) problems, proper layout of the high frequency switching path is essential. Place COUT next to the VOUT and GND pins. Always use a ground plane under the switching regulator to minimize interplane coupling. In addition, the ground connection for the feedback resistor R1 should be tied directly to the GND pin and not shared with any other component, ensuring a clean, noise- free connection. Recommended component placement is shown in Figure 8. Start-Up Input Current (LT3465A) As previously mentioned, the LT3465A does not have an internal soft-start circuit. Inrush current can therefore rise to approximately 400mA as shown in Figure 9 when driving 4 LEDs. The LT3465 has an internal soft-start circuit and is recommended if inrush current must be minimized. Figure 8. Recommended Component Placement. 1 COUT L RFB 2 3 6 5 4 CIN GND 3465A F08a VIN CTRL FB 200mV/DIV CTRL 2V/DIV 50 µs/DIV 3465A F09 IIN 200mV/DIV |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |