Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LTH2 Marking, LT3465 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3465 Datasheet HTML 6Page - Linear Technology LT3465 Datasheet HTML 7Page - Linear Technology LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology LT3465 Datasheet HTML 10Page - Linear Technology LT3465 Datasheet HTML 11Page - Linear Technology LT3465 Datasheet HTML 12Page - Linear Technology LT3465 Datasheet HTML 13Page - Linear Technology LT3465 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3465/LT3465A
10
3465afa
lower than the frequency of the PWM signal. R1 needs to
be much smaller than the internal impedance in the CTRL
pin, which is 50k
Ω. A 5k resistor is suggested.
percent duty cycle sets the LED current to zero, while
100% duty cycle sets it to full current. Average LED
current increases proportionally with the duty cycle of the
PWM signal. With the PWM signal at the CTRL pin to turn
the LT3465A on and off, the output capacitor is charged
and discharged accordingly. This capacitor charging/
discharging affects the waveform at the FB pin. For low
PWM frequencies the output capacitor charging/discharg-
ing time is a very small portion in a PWM period. The
average FB voltage increases linearly with the PWM duty
cycle. As the PWM frequency increases, the capacitor
charging/discharging has a larger effect on the linearity of
the PWM control. Waveforms for a 1kHz and 10kHz PWM
CTRL signals are shown in Figures 7a and 7b respectively.
The capacitor charging/discharging has a larger effect on
the FB waveform in the 10kHz case than that in the 1kHz
APPLICATIO S I FOR ATIO
Figure 7a.
Figure 7b.
FB
100mV/DIV
CTRL
2V/DIV
200
µs/DIV (1kHz)
3465A F07a
FB
100mV/DIV
CTRL
2V/DIV
20
µs/DIV (10kHz)
3465A F07b
LT3465A
CTRL
PWM
Dimming Using Direct PWM (LT3465A)
Unlike the LT3465, the LT3465A does not have internal
soft-start. Although the input current is higher during
start-up, the absence of soft-start allows the CTRL pin to
be directly driven with a PWM signal for dimming. A zero
LT3465/
LT3465A
CTRL
3465A F06
PWM
C1
100nF
R1
5k
Figure 6. Dimming Control Using a Filtered PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16