| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 11 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 11 Page - Linear Technology |
|
11 / 16 page ![]() LT3465/LT3465A 11 3465afa CTRL PWM DUTY CYCLE (%) 0 200 180 160 140 120 100 80 60 40 20 0 80 3465A F07f 20 40 60 100 4 LEDs 3 LEDs 2 LEDs 30kHz PWM COUT = 0.22µF CTRL PWM DUTY CYCLE (%) 0 200 180 160 140 120 100 80 60 40 20 0 80 3465A F07d 20 10 30 50 70 90 40 60 100 30kHz 10kHz 1kHz 100Hz 10Hz COUT = 0.47µF 4 LEDs CTRL PWM DUTY CYCLE (%) 0 200 180 160 140 120 100 80 60 40 20 0 80 3465A F07c 20 40 60 100 30kHz 10kHz 1kHz 100Hz 10Hz COUT = 0.22µF 4 LEDs CTRL PWM DUTY CYCLE (%) 0 200 180 160 140 120 100 80 60 40 20 0 80 3465A F07e 20 40 60 100 4 LEDs 3 LEDs 2 LEDs 10kHz PWM COUT = 0.22µF Figure 7e.VFB vs CTRL PWM Duty Cycle Figure 7f.VFB vs CTRL PWM Duty Cycle APPLICATIO S I FOR ATIO Figure 7c. VFB vs CTRL PWM Duty Cycle Figure 7d. VFB vs CTRL PWM Duty Cycle case. The Average FB Voltage vs PWM Duty Cycle curves of different PWM frequencies with different output ca- pacitors are shown in Figures 7c and 7d respectively. For PWM frequency lower than 1kHz, the curves are almost linear. For PWM frequency higher than 10kHz, the curves show strong nonlinearity. Since the cause of the nonlinearity is the output capacitor charging/discharg- ing, the output capacitance and output voltage also affect the nonlinearity in the high PWM frequencies. Because smaller capacitance corresponds to shorter capacitor charging/discharging time, the smaller output capaci- tance has better linearity as shown in Figures 7c and 7d. Figures 7e and 7f show the output voltage’s effect to the curves. The PWM signal should be at least 1.8V in magnitude; lower voltage will lower the feedback voltage as shown in Equation 1. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |