Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LTH2 Marking, LT3465 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology LT3465 Datasheet HTML 10Page - Linear Technology LT3465 Datasheet HTML 11Page - Linear Technology LT3465 Datasheet HTML 12Page - Linear Technology LT3465 Datasheet HTML 13Page - Linear Technology LT3465 Datasheet HTML 14Page - Linear Technology LT3465 Datasheet HTML 15Page - Linear Technology LT3465 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3465/LT3465A
16
3465afa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT/LT 0805 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT1618
Constant Current, Constant Voltage, 1.4MHz, High Efficiency
Up to 16 White LEDs, VIN: 1.6V to 18V, VOUT(MAX): 34V, IQ: 1.8mA,
Boost Regulator
ISHDN: <1µA, 10-Lead MS Package
LT1932
Constant Current, 1.2MHz, High Efficiency White LED
Up to 8 White LEDs, VIN: 1V to 10V, VOUT(MAX): 34V, IQ: 1.2mA,
Boost Regulator
ISHDN: <1µA, ThinSOT Package
LT1937
Constant Current, 1.2MHz, High Efficiency White LED
Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX): 34V, IQ: 1.9mA,
Boost Regulator
ISHDN: <1µA, ThinSOT
LTC
®3200-5
Low Noise, 2MHz, Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ: 8mA, ISHDN: <1µA,
ThinSOT Package
LTC3202
Low Noise, 1.5MHz, Regulated Charge Pump White LED Driver Up to 8 White LEDs, VIN: 2.7V to 4.5V, IQ: 5mA, ISHDN: <1µA,
10-Lead MS Package
LTC3205
Multi-Display LED Controller
92% Efficiency, VIN: 2.8V to 4.5V, IQ: 4.2mA, ISD: <1µA, Drives Main,
Sub, RGB, QFN Package
LTC3405
300mA (IOUT), 1.5MHz Synchronous Step-Down
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN): 0.8V, IQ: 20µA, ISHDN: <1µA,
LTC3405A
DC/DC Converter
ThinSOT Package
LTC3406
600mA (IOUT), 1.5MHz Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 20µA,
LTC3406B
DC/DC Converter
ISHDN: <1µA, ThinSOT Package
LTC3407
Dual 600mA (IOUT), 1.5MHz Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 40µA,
DC/DC Converters
ISHDN: <1µA, MS10E, DFN Package
LTC3411
1.25A (IOUT), 4MHz Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60µA,
ISHDN: <1µA, MS10, DFN Package
LTC3412
2.5A (IOUT), 4MHz Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60µA,
ISHDN: <1µA, TSSOP16E Package
LTC3440/
600mA/1.2A (IOUT), 2MHz/1MHz Synchronous Buck-Boost
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 2.5V, IQ: 25µA,
LTC3441
DC/DC Converter
ISHDN: <1µA, 10-Lead MS Package
LT3466
Full Function White LED Step-Up Converter with
Drives Up to 20 LEDs, Independent Step-Up Converters,
Built-In Schottkys
VIN: 2.7µV to 24V, DFN Package
TYPICAL APPLICATIO
Li-Ion to Six White LEDs
SW
VOUT
VIN
LT3465/
LT3465A
CTRL
3465A TA04a
R1
10
Ω
CIN
1
µF
COUT
0.47
µF
L1
47
µH/22µH
3V TO 5V
FB
GND
CIN: TAIYO YUDEN JMK107BJ105
COUT: TAIYO YUDEN GMK212BJ474
L1: MURATA LQH32CN470 (LT3465)
L1: MURATA LQH32CN220 (LT3465A)
LED CURRENT (mA)
0
75
85
80
3465A TA04b
70
65
60
55
50
5
10
15
20
VIN = 3.6V
6 LEDs
LT3465
LT3465A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16