Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LTH2 Marking, LT3465 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 2 Page - Linear Technology

  LT3465 Datasheet HTML 1Page - Linear Technology LT3465 Datasheet HTML 2Page - Linear Technology LT3465 Datasheet HTML 3Page - Linear Technology LT3465 Datasheet HTML 4Page - Linear Technology LT3465 Datasheet HTML 5Page - Linear Technology LT3465 Datasheet HTML 6Page - Linear Technology LT3465 Datasheet HTML 7Page - Linear Technology LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3465/LT3465A
2
3465afa
VOUT 1
GND 2
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
FB 3
6 SW
5 VIN
4 CTRL
Input Voltage (VIN) ................................................. 16V
SW Voltage ............................................................. 36V
FB Voltage ................................................................ 2V
CTRL Voltage .......................................................... 10V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Maximum Junction Temperature ......................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
ABSOLUTE
AXI U
RATI GS
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL = 3V, unless otherwise noted.
LT3465
LT3465A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.7
2.7
V
Maximum Operating Voltage
16
16
V
Feedback Voltage
0
°C ≤ TA ≤ 85°C
188
200
212
188
200
212
mV
FB Pin Bias Current
10
35
100
10
35
100
nA
Supply Current
Not Switching
1.9
2.6
3.3
1.9
2.6
3.3
mA
CTRL = 0V
2.0
3.2
5.0
2.0
3.2
5.0
µA
Switching Frequency
0.8
1.2
1.6
1.8
2.4
2.8
MHz
Maximum Duty Cycle
●
90
93
90
93
%
Switch Current Limit
●
225
340
225
340
mA
Switch VCESAT
ISW = 250mA
300
300
mV
Switch Leakage Current
VSW = 5V
0.01
5
0.01
5
µA
VCTRL for Full LED Current
1.8
1.8
V
VCTRL to Enable Chip
●
150
150
mV
VCTRL to Shut Down Chip
●
50
50
mV
CTRL Pin Bias Current
48
60
72
48
60
72
µA
TA = 85°C
405060405060
µA
TA = –40°C
607590607590
µA
Soft-Start Time
600
µs
Schottky Forward Drop
ID = 150mA
0.7
0.7
V
Schottky Leakage Current
VR = 30V
4
4
µA
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3465E/LT3465AE are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
TJMAX = 125°C, θJA = 256°C/W IN FREE AIR
θJA = 120°C ON BOARD OVER GROUND PLANE
ORDER PART NUMBER
S6 PART MARKING
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT3465ES6
LT3465AES6
LTH2
LTAFT
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16