Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LTH2 Marking, LT3465 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 5 Page - Linear Technology

  LT3465 Datasheet HTML 1Page - Linear Technology LT3465 Datasheet HTML 2Page - Linear Technology LT3465 Datasheet HTML 3Page - Linear Technology LT3465 Datasheet HTML 4Page - Linear Technology LT3465 Datasheet HTML 5Page - Linear Technology LT3465 Datasheet HTML 6Page - Linear Technology LT3465 Datasheet HTML 7Page - Linear Technology LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3465/LT3465A
5
3465afa
PI FU CTIO S
VOUT (Pin 1): Output Pin. Connect to output capacitor and
LEDs. Minimize trace between this pin and output capaci-
tor to reduce EMI.
GND (Pin 2): Ground Pin. Connect directly to local ground
plane.
FB (Pin 3): Feedback Pin. Reference voltage is 200mV.
Connect LEDs and a resistor at this pin. LED current is
determined by the resistance and CTRL pin voltage:
CTRL (Pin 4): Dimming Control and Shutdown Pin. Ground
this pin to shut down the device. When VCTRL is greater
than about 1.8V, full-scale LED current is generated.
When VCTRL is less than 1V, LED current is reduced.
Floating this pin places the device in shutdown mode.
VIN (Pin 5): Input Supply Pin. Must be locally bypassed
with a 1
µF X5R or X7R type ceramic capacitor.
SW (Pin 6): Switch Pin. Connect inductor here.
I
R
mV
mV
n
mV
mV
LED
FB
=
⎛
⎝⎜
⎞
⎠⎟
1
200
26
1
200
26
•–
•
exp
exp
p
•
VmV
mV
mV
CTRL
()
⎛
⎝⎜
⎞
⎠⎟
+
⎛
⎝
⎜
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
⎟
⎛
⎝
⎜
⎜
526
1
⎜⎜
⎜
⎞
⎠
⎟
⎟
⎟
⎟
>
for V
mV
CTRL
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16