Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5471GHKA Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 43Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 47Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 49Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
MCU Subsystem Functional Overview
37
June 2001 – Revised December 2002
SPRS180C
4.3.2.2
FIFO Operation
The transmit FIFO is written via the THR register. Transmit FIFO status is reflected in the LSR.
The receive FIFO is read via the RHR register. The receive FIFO tracks reception of break, framing errors,
and parity errors on a byte-by-byte basis. The LSR bits which reflect receive status show the status for the
byte that is at the top of the FIFO. Reads of LSR do not advance the Receive FIFO pointer.
LSR[7] is set when there is an error anywhere in the RX FIFO and is cleared only when there are no more
errors remaining in the FIFO.
4.3.2.3
UART Clocking
The UART clock divisors must be set based on the MCU subsystem clock rate and the desired baud rate.
The UART_DIV_115K register is a prescaler which divides the MCU subsystem clock down to a rate usable
by the UART state machines. The UART_DIV_BITRATE register is the divider which provides the bit clock
to the UART from the pre-scaled clock.
UART_DIV_BITRATE = MCU clock frequency / UART_DIV_115K / desired bit rate
For autobaud function on the UART/modem, the UART_DIV_115K value must result in a 115200-Hz clock
rate:
UART_DIV_115K = MCU clock frequency / 115200 Hz.
4.3.3 MCU Serial Peripheral Interface (SPI)
The SPI is a bidirectional 3-line interface dedicated to the transfer of data to and from external devices offering
a 3-line serial interface.
The SPI interface is fully-duplexed and is configurable from 1 to 32 bits, providing three enable signals
programmable either as positive or negative edge- or level-sensitive.
This serial port is based on a looped shift-register which allows for both transmit (parallel-in, serial-out) and
receive (serial-in, parallel-out) modes. The serial port is fully controlled by the MCU memory interface (data
write, data read, and activation of serialization operations).
The serial clock period (TCLKX_SPI) is derived from the MCU subsystem clock, based on a prescale divider
(PTV):
SPI Clock Rate = MCU Clock Rate / (4 * PTV)
where PTV is 2, 4, 8, or 16.
4.3.4 MCU General-Purpose I/O
The 5471 provides 36 general-purpose I/Os (GPIOs) configurable in read or write mode by internal registers.
The GPIOs are divided into two groups, GPIO(19:0) and KBGPIO(15:0). KBGPIOs are keyboard GPIO pins,
which are implemented similarly to the GPIO(19:0) pins, although some KBGPIO pins have internal pullup
resistors. Some of the GPIO and KBGPIO pins share functionality with signals from other modules. Register
bits configure whether the pin is used for the normal GPIO or KBGPIO functionality, or for the alternate
functionality.
Each GPIO is associated with 6 configuration/status bits whose description is given in Table 4–2 and
Table 4–3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com