Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5471GHKA Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 77Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 78Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 79Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 80Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 81Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 82Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 83Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 84Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
Electrical Specifications
72
June 2001 – Revised December 2002
SPRS180C
6.12 Synchronous DRAM Timings
Table 6–28 and Table 6–29 assume testing over recommended operating conditions (see Figure 6–23
through Figure 6–29).
Table 6–28. Synchronous DRAM Timing Requirements
NO.
MIN
MAX
UNIT
6
tsu(DV-SCLKH)
Setup time, read data valid before SDRAM_CLK high
4.5
ns
7
th(SCLKH-DV)
Hold time, read data valid after SDRAM_CLK high
2
ns
Table 6–29. Synchronous DRAM Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
1
td(SCLKH-CSV)
Delay time, SDRAM_CLK high to chip select valid
0.5
11
ns
2
td(SCLKH-DQMV)
Delay time, SDRAM_CLK high to byte enable valid
0.5
11
ns
3
td(SCLKH-DQMIV)
Delay time, SDRAM_CLK high to byte enable invalid
0.5
11
ns
4
td(SCLKH-AV)
Delay time, SDRAM_CLK high to address valid
0.5
11
ns
5
td(SCLKH-AIV)
Delay time, SDRAM_CLK high to address invalid
0.5
11
ns
8
td(SCLKH-CASV)
Delay time, SDRAM_CLK high to SDRAM_CAS valid
0.5
11
ns
9
td(SCLKH-DV)
Delay time, SDRAM_CLK high to data valid
0.5
11
ns
10
td(SCLKH-DIV)
Delay time, SDRAM_CLK high to data invalid
0.5
11
ns
11
td(SCLKH-WEV)
Delay time, SDRAM_CLK high to SDRAM_WE valid
0.5
11
ns
12
td(SCLKH-RASV)
Delay time, SDRAM_CLK high to, SDRAM_RAS valid
0.5
11
ns
SDRAM_CLK
CSn
SDRAM_DQM[3:0]
SDRAM_A[C:0]†
DATA[31:00]
SDRAM_A[10]†
SDRAM_RAS
SDRAM_CAS
SDRAM_WE
SDRAM_A[R:0]†
BE1
BE2
BE3
BE4
Bank
Column
D1
D2
D3
D4
8
7
6
5
5
5
3
2
8
4
4
4
1
READ
† The values for R and C depend on the particular size of the SRAMs used.
Figure 6–23. SDRAM Read Command (CAS Latency 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com