Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5471GHKA Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 53Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 54Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 55Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 56Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 57Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 58Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 59Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 60Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
Electrical Specifications
48
June 2001 – Revised December 2002
SPRS180C
6.3
Electrical Characteristics Over Recommended Operating Case Temperature
(Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = RATED
0.8*DVDD
V
VOL
Low-level output voltage
IOL = RATED
0.22*DVDD
V
CS4/BIGEND
DVDD MAX, VI = VSS to DVDD
–300
10
IIZ
Input current for
outputs in high
impedance
EMU[1:0], GPIO16/SDA,
CS3/ROMSIZE16,
KBGPIO12/DSP_MSC,
KBGPIO13/DSP_TOUT,
KBGPIO11/DSP_IAQ,
KBGPIO10/DSP_IACK,
KBGPIO14/DSP_CLKOUT,
KBGPIO15/ARM_MCLK,
KBGPIO[9:8],DSP_D[15:0],
DSP_A[19:0]
DVDD MAX, VI = VSS to DVDD
–10
310
µA
All other inputs
DVDD MAX, VI = VSS to DVDD
–10
10
TDI, TMS
–10
310
II
Input current
CRS0, COL0, TCLK0, RXER0,
RCLK0, RXDV0, RXD0[3:0]
DVDD MAX, VI = VSS to DVDD
–10
110
µA
II
In ut current
TRST, TCK
DVDD MAX, VI = VSS to DVDD
–300
10
µA
All other input-only pins
–10
10
IDDC
Supply current, core MCU (CVDD)
CVDD MAX, DVDD MAX,
f(DSP_CLKOUT) = 100 MHz,
f(ARM_MCLK) = 47.5 MHz,
TC = 25 °C
70†
mA
IDDP
Supply current, I/Os (DVDD)
CVDD MAX, DVDD MAX,
f(DSP_CLKOUT) = 100 MHz,
f(ARM_MCLK) = 47.5 MHz,
TC = 25 °C
50†
mA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† Thecurrentmeasurementsweretakenwiththefollowingnominalconditions:CVDD=1.8V,DVDD=3.3V,temperature=25C,withtheDSPexecuting
programcode from internal SRAM consisting of 50% NOP / 50% MACD instructions @ 100 MHz, and the ARM executing dhrystone program code
from external SRAM @ 47.5 MHz. Actual operating current varies with program being executed and external pin usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com