Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 108 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 108 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 104Page - Microchip Technology LAN9220 Datasheet HTML 105Page - Microchip Technology LAN9220 Datasheet HTML 106Page - Microchip Technology LAN9220 Datasheet HTML 107Page - Microchip Technology LAN9220 Datasheet HTML 108Page - Microchip Technology LAN9220 Datasheet HTML 109Page - Microchip Technology LAN9220 Datasheet HTML 110Page - Microchip Technology LAN9220 Datasheet HTML 111Page - Microchip Technology LAN9220 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 142 page
background image
LAN9220
DS00002417A-page 108
 2006-2017 Microchip Technology Inc.
5.5.6
AUTO-NEGOTIATION LINK PARTNER ABILITY
Index (In Decimal):
5
Size:
16-bits
Bits
Description
Type
Default
15
Next Page. 1 = next page capable, 0 = no next page ability. This device
does not support next page ability.
RO
0
14
Acknowledge. 1 = link code word received from partner 0 = link code word
not yet received
Note:
This bit will always read 0
RO
0
13
Remote Fault. 1 = remote fault detected, 0 = no remote fault
RO
0
12
Reserved
RO
0
11-10
Pause Operation.
00 No PAUSE supported by partner station
01 Symmetric PAUSE supported by partner station
10 Asymmetric PAUSE supported by partner station
11 Both Symmetric PAUSE and Asymmetric PAUSE supported by partner
station
RO
00
9
100Base-T4. 1 = T4 able, 0 = no T4 ability
RO
0
8
100Base-TX Full Duplex. 1 = TX with full duplex, 0 = no TX full duplex
ability
RO
0
7
100Base-TX. 1 = TX able, 0 = no TX ability
RO
0
6
10Base-T Full Duplex.
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
RO
0
5
10Base-T. 1 = 10Mbps able, 0 = no 10Mbps ability
RO
0
4:0
Selector Field. [00001] = IEEE 802.3
RO
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com