Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 112 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 112 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 108Page - Microchip Technology LAN9220 Datasheet HTML 109Page - Microchip Technology LAN9220 Datasheet HTML 110Page - Microchip Technology LAN9220 Datasheet HTML 111Page - Microchip Technology LAN9220 Datasheet HTML 112Page - Microchip Technology LAN9220 Datasheet HTML 113Page - Microchip Technology LAN9220 Datasheet HTML 114Page - Microchip Technology LAN9220 Datasheet HTML 115Page - Microchip Technology LAN9220 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 142 page
background image
LAN9220
DS00002417A-page 112
 2006-2017 Microchip Technology Inc.
5.5.11
INTERRUPT SOURCE FLAG
Note 5-5
The default value of this bit will vary dependent on the current link state of the line.
5.5.12
INTERRUPT MASK
Index (In Decimal):
29
Size:
16-bits
Bits
Description
Type
Default
15-8
Reserved. Ignore on read.
RO/LH
0
7
INT7. 1= ENERGYON generated, 0= not source of interrupt
RO/LH
0
6
INT6. 1= Auto-Negotiation complete, 0= not source of interrupt
RO/LH
0
5
INT5. 1= Remote Fault Detected, 0= not source of interrupt
RO/LH
0
4
INT4. 1= Link Down (link status negated), 0= not source of interrupt
RO/LH
See Note 5-5
3
INT3. 1= Auto-Negotiation LP Acknowledge, 0= not source of interrupt
RO/LH
0
2
INT2. 1= Parallel Detection Fault, 0= not source of interrupt
RO/LH
0
1
INT1. 1= Auto-Negotiation Page Received, 0= not source of interrupt
RO/LH
0
0
Reserved.
RO/LH
0
Index (In Decimal):
30
Size:
16-bits
Bits
Description
Type
Default
15-8
Reserved. Write as 0; ignore on read.
RO
0
7-0
Mask Bits. 1 = interrupt source is enabled 0 = interrupt source is masked
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com