Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 116 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 116 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 112Page - Microchip Technology LAN9220 Datasheet HTML 113Page - Microchip Technology LAN9220 Datasheet HTML 114Page - Microchip Technology LAN9220 Datasheet HTML 115Page - Microchip Technology LAN9220 Datasheet HTML 116Page - Microchip Technology LAN9220 Datasheet HTML 117Page - Microchip Technology LAN9220 Datasheet HTML 118Page - Microchip Technology LAN9220 Datasheet HTML 119Page - Microchip Technology LAN9220 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 142 page
background image
LAN9220
DS00002417A-page 116
 2006-2017 Microchip Technology Inc.
6.2.2
SPECIAL RESTRICTIONS ON BACK-TO-BACK READ CYCLES
There are also restrictions on specific back-to-back read operations. These restrictions concern reading specific regis-
ters after reading resources that have side effects. In many cases there is a delay between reading the LAN9220, and
the subsequent indication of the expected change in the control register values.
In order to prevent the host from reading stale data on back-to-back reads, minimum wait periods have been estab-
lished. These periods are specified in Table 6-2, "Read After Read Timing Rules". The host processor is required to wait
the specified period of time between read operations of specific combinations of resources. The wait period is depen-
dent upon the combination of registers being read.
Performing "dummy" reads of the BYTE_TEST register is a convenient way to ensure that the minimum wait time restric-
tion is met. Table 6-2 also shows the number of dummy reads that are required for back-to-back read operations. The
number of BYTE_TEST reads in this table is based on the minimum timing for Tcycle (165ns). For microprocessors with
slower busses the number of reads may be reduced as long as the total time is equal to, or greater than the time spec-
ified in the table. Dummy reads of the BYTE_TEST register are not required as long as the minimum time period is met.
Note 6-1
This restriction is only applicable after a fast-forward operation has been completed and the
RX_FFWD bit has been cleared. Refer to Section 3.13.1.1, "Receive Data FIFO Fast Forward," on
page 53 for more information.
TABLE 6-2:
READ AFTER READ TIMING RULES
After Reading...
Wait for this many ns…
or Perform this many Reads
of BYTE_TEST…
(Assuming Tcycle of 165ns)
Before Reading...
RX Data FIFO
165
1
RX_FIFO_INF
RX Status FIFO
165
1
RX_FIFO_INF
TX Status FIFO
165
1
TX_FIFO_INF
RX_DROP
330
2
RX_DROP
RX_DP_CTRL
330
2
TX Status FIFO
RX Status FIFO
Note 6-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com