Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
SOLDER MASK
OPENING, TYP
METAL UNDER
SOLDER MASK,
TYP
8 mil
8 mil
0402
0.1 …F
Bypass
Capacitor
8 mil
WORST
BETTER
BEST
13
SN74LVC1GU04
www.ti.com
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
Product Folder Links: SN74LVC1GU04
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Even low data rate digital signals can contain high-frequency signal components due to fast edge rates. When a
printed-circuit board (PCB) trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs
primarily because of the change of width of the trace. At the apex of the turn, the trace width increases to 1.414
times the width. This increase upsets the transmission-line characteristics, especially the distributed capacitance
and self–inductance of the trace which results in the reflection. Not all PCB traces can be straight and therefore
some traces must turn corners. Figure 7 shows progressively better techniques of rounding corners. Only the last
example (BEST) maintains constant trace width and minimizes reflections.
An example layout is given in Figure 8 for the DPW (X2SON-5) package. This example layout includes a 0402
(metric) capacitor and uses the measurements found in the example board layout appended to this end of this
datasheet. A via of diameter 0.1 mm (3.973 mil) is placed directly in the center of the device. This via can be
used to trace out the center pin connection through another board layer, or it can be left out of the layout
11.2 Layout Example
Figure 7. Trace Example
Figure 8. Example Layout With DPW (X2SON-5) Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com