Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1GU04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Y
VCC
A
NC
GND
2
A
V
CC
5
1
N.C.
3
4
GND
GND
Y
A
GND
Y
V
CC
A1
A2
B1
B2
3
4
GND
2
A
Y
V
CC
5
1
N.C.
3
4
GND
2
A
Y
5
1
N.C.
V
CC
3
SN74LVC1GU04
www.ti.com
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
Product Folder Links: SN74LVC1GU04
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DRL Package
5-Pin SOT
Top View
DCK Package
5-Pin SC70
Top View
YZV Package
4-Pin DSBGA
Top View
DPW Package
5-Pin SON
Top View
(1)
NC – No internal connection
(2)
See Mechanical, Packaging, and Orderable Information for dimensions
Pin Functions(1)(2)
PIN
I/O
DESCRIPTION
NAME
DBV, DRL,
DCK, DPW
YZV
A
2
A1
I
Input
GND
3
B1
—
Ground
NC
1
–
—
Not connected
VCC
5
A2
—
Positive Supply
Y
4
B2
O
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com