Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC1GU04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Frequency - MHz
0
20
40
60
80
0
200
400
600
800
1000
1200
1400
1600
D001
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
12
SN74LVC1GU04
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: SN74LVC1GU04
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 6. ICC vs Frequency
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions table.
The VCC pin must have a good bypass capacitor to prevent power disturbance. A 0.1-µF capacitor is
recommended, and it is ok to parallel multiple bypass caps to reject different frequencies of noise. 0.1-µF and 1-
µF capacitors are commonly used in parallel. The bypass capacitor must be installed as close to the power pin
as possible for best results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com