| Electronic Components Datasheet Search |
|
SN74LVC1GU04DBVT Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1GU04DBVT Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 41 page ![]() U Copyright © 2017, Texas Instruments Incorporated 11 SN74LVC1GU04 www.ti.com SCES215Y – APRIL 1999 – REVISED DECEMBER 2017 Product Folder Links: SN74LVC1GU04 Submit Documentation Feedback Copyright © 1999–2017, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The unbuffered inverter is commonly used in oscillator circuits because it is less sensitive to parameter changes in the oscillator circuit due to having lower total gain than a buffered equivalent. An example application circuit is shown in Figure 5. To learn more about how to use an unbuffered inverter in an oscillator circuit, refer to the Use of the CMOS Unbuffered Inverter in Oscillator Circuits application report. 9.2 Typical Application Figure 5. Typical Application Diagram 9.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so routing and load conditions should be considered to prevent ringing. 9.2.2 Detailed Design Procedure To learn more about how to use an unbuffered inverter in an oscillator circuit, refer to the Use of the CMOS Unbuffered Inverter in Oscillator Circuits application report. 1. Recommended Input Conditions – Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions. – Inputs are overvoltage tolerant allowing them to go as high as (VI max) in Recommended Operating Conditions at any valid VCC. 2. Absolute Maximum Output Conditions – Load currents must not exceed (IO max) per output and must not exceed (Continuous current through VCC or GND) total current for the part. These limits are located in Absolute Maximum Ratings. – Outputs must not be pulled above the voltage rated in the Absolute Maximum Ratings. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |