Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1GU04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
1
2
3
4
5
VCC (V)
tpd(ns)
1
2
3
4
5
0
6
tpd(MIN)
tpd(MAX)
7
SN74LVC1GU04
www.ti.com
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
Product Folder Links: SN74LVC1GU04
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
6.6 Switching Characteristics: TA = –40°C to +85°C
over recommended operating free-air temperature range (unless otherwise noted) (See Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd
Propagation delay
A-to-Y
VCC = 1.8 V ± 0.15 V
1.3
5
ns
VCC = 2.5 V ± 0.2 V
1
4
VCC = 3.3 V ± 0.3 V
1.1
3.7
VCC = 5 V ± 0.5 V
1
3
6.7 Switching Characteristics: TA = –40°C to +125°C
over recommended operating free-air temperature range (unless otherwise noted) (See Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd
Propagation delay
A-to-Y
VCC = 1.8 V ± 0.15 V
1.3
5.5
ns
VCC = 2.5 V ± 0.2 V
1
4.5
VCC = 3.3 V ± 0.3 V
1.1
4.2
VCC = 5 V ± 0.5 V
1
3.5
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
VCC = 1.8 V
9
pF
VCC = 2.5 V
11
VCC = 3.3 V
13
VCC = 5 V
27
6.9 Typical Characteristic
Figure 1. tpd vs VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com