Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN74LVC1GU04DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 20Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 21Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 22Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC1GU04DRYR
SON
DRY
6
5000
180.0
9.5
1.15
1.6
0.75
4.0
8.0
Q1
SN74LVC1GU04DSFR
SON
DSF
6
5000
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
SN74LVC1GU04YZPR
DSBGA
YZP
5
3000
178.0
9.2
1.02
1.52
0.63
4.0
8.0
Q1
SN74LVC1GU04YZVR
DSBGA
YZV
4
3000
178.0
9.2
1.0
1.0
0.63
4.0
8.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
74LVC1GU04DBVRG4
SOT-23
DBV
5
3000
180.0
180.0
18.0
74LVC1GU04DBVTG4
SOT-23
DBV
5
250
180.0
180.0
18.0
SN74LVC1GU04DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
SN74LVC1GU04DBVR
SOT-23
DBV
5
3000
202.0
201.0
28.0
SN74LVC1GU04DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
SN74LVC1GU04DBVT
SOT-23
DBV
5
250
202.0
201.0
28.0
SN74LVC1GU04DBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
SN74LVC1GU04DBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
SN74LVC1GU04DCKR
SC70
DCK
5
3000
180.0
180.0
18.0
SN74LVC1GU04DCKR
SC70
DCK
5
3000
202.0
201.0
28.0
SN74LVC1GU04DCKR
SC70
DCK
5
3000
180.0
180.0
18.0
SN74LVC1GU04DCKT
SC70
DCK
5
250
205.0
200.0
33.0
SN74LVC1GU04DCKT
SC70
DCK
5
250
180.0
180.0
18.0
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Dec-2017
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com