Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1GU04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
SN74LVC1GU04
SCES215Y – APRIL 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: SN74LVC1GU04
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Partial Power Down (Ioff)
The inputs and outputs for this device enter a high-impedance state when the supply voltage is 0 V. The
maximum leakage into or out of any input or output pin on the device is specified by Ioff in the Electrical
Characteristics.
8.3.5 Over-voltage Tolerant Inputs
Input signals to this device can be driven above the supply voltage so long as they remain below the maximum
input voltage value specified in the Recommended Operating Conditions.
8.3.6 Unbuffered Logic
A standard CMOS logic function typically consists of at least three stages: the input inverter, the logic function,
and the output inverter. Some devices have multiple stages at the input or output for various reasons. An
unbuffered CMOS logic function eliminates the extra input and output stages; the device only contains the
required logic function which is directly driven from the inputs and directly drives the outputs.
The unbuffered inverter is commonly used in oscillator circuits because it is less sensitive to parameter changes
in the oscillator circuit due to having lower total gain than a buffered equivalent. To learn more about how to use
an unbuffered inverter in an oscillator circuit, see Use of the CMOS Unbuffered Inverter in Oscillator Circuits.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC1GU04.
Table 1. Function Table
INPUT
A
OUTPUT
Y
H
L
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com