Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 62Page - Cirrus Logic CS8952 Datasheet HTML 63Page - Cirrus Logic CS8952 Datasheet HTML 64Page - Cirrus Logic CS8952 Datasheet HTML 65Page - Cirrus Logic CS8952 Datasheet HTML 66Page - Cirrus Logic CS8952 Datasheet HTML 67Page - Cirrus Logic CS8952 Datasheet HTML 68Page - Cirrus Logic CS8952 Datasheet HTML 69Page - Cirrus Logic CS8952 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
CS8952
66
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
7.7
General Layout Recommendations
The following PCB layout recommendations will
help ensure reliable operation of the CS8952 and
good EMC performance.
Use a multilayer Printed Circuit Board with at
least one ground and one power plane. A typi-
cal +5V MII application would be as follows:
Layer 1: (top) Components and first choice sig-
nal routing
Layer 2: Ground
Layer 3: Power (+5V)
Layer 4: (bottom) Second choice signal rout-
ing, bypass components
Place transformer TI as close to the RJ45 connec-
tor as possible with the secondary (network) side
facing the RJ45 and the primary (chip) side facing
the analog side (pins 76-100) of CS8952. Place
the CS8952inturnas close to T1 as possible.
Use the bottom layer for signal routing as a sec-
ond choice. You may place all components on
the top layer. However, bypass capacitors are
optimally placed as close to the chip as possible
and may be best located underneath the
CS8952 on the bottom layer. Termination com-
ponents at the RJ-45 and fiber transceiver may
also be optimally placed on the bottom layer.
Connect a 0.1
µF bypass capacitor to each
CS8952 VDD and VDD_MII pin. Place it as
close to its corresponding power pin as possible
and connect the other lead directly to the
ground plane.
The 4.99K reference resistor should be placed
as close to the RES pin as possible. Connect the
other end of this resistor to the ground plane us-
ing a via. Connect the adjacent VSS pins (pins
85 and 87) to the grounded end of the resistor
forming a shield as illustrated in Figure 8.
Controlled impedance is necessary for critical
signals
TX+/-,
RX+/-,
TX_NRZ+/-,
and
RX_NRZ+/-. These should be run as microstrip
transmission lines (100
Ωdifferential, 50 Ωsin-
gle-ended). The MII signals should be 68
Ωmi-
crostrip transmission lines. (For short MII
signal paths one may standardize on a given
trace width for all traces without significant
degradation in signal integrity.)
Avoid routing traces other than the TX and RX
signals under transformer T1 and the RJ45 con-
nector. Signals may run on the bottom side un-
derneath the CS8952 as long as they stay away
from critical analog traces.
Connect all CS8952 ground and power pins di-
rectly to the ground and power planes, respec-
tively. Note: The VDD_MII power pins may
need their own power plane or plane segment in
+3.3 V MII applications.
Depending on the orientation and location of
the transformer, the CS8952, and the RJ-45,
and on whether the application is for a NIC or a
switch,the RX andTXpairs mayneedto cross.
This should be done by changing layers on a
pair by pair basis only, using the minimum
number of vias, and making sure that each trace
within a pair “sees” the same path as its peer.
Figure 6 shows the CS8952 in a NIC or adapter
configuration. It may be configured for a hub or
repeater application by changing the wiring to
the RJ-45 as shown in Table 8.
Differential pair transmission lines should be
routed close together (one trace width spacing
edge-to-edge) and kept at least two trace widths
away from other traces, components, etc. TX
and RX pairs should be routed away from each
other and may use opposite sides of the PCB as
necessary, Each member of the differential pair
should “see” the same PCB terrain as its peer.
Unused spaces on the signal layers should be
filled with ground fill (pour). Vias should con-
nect the ground patches to the ground plane.
This is especially recommended (symmetrical-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com