| Electronic Components Datasheet Search |
|
CS8952 Datasheet(PDF) 43 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8952 Datasheet(HTML) 43 Page - Cirrus Logic |
|
43 / 82 page ![]() CS8952 CrystalLAN™ 100BASE-X and 10BASE-T Transceiver 43 11 DCR Rollover Read/Write 0 When set, an interrupt will be generated if the MSB in the DCR counter becomes set. Note: This bit is disabled, and writes to this bit are ignored when the National Compatibility Mode bit of the 10BASE-T Configuration Register (address 1Ch) is set. 10 FCCR Rollover Read/Write 0 When set, an interrupt will be generated if the MSB in the FCCR counter becomes set. Note: This bit is disabled, and writes to this bit are ignored when the National Compatibility Mode bit of the 10BASE-T Configuration Register (address 1Ch) is set. 9 RECR Rollover Read/Write 0 When set, an interrupt will be generated if the MSB in the RECR counter becomes set. Note: This bit is disabled, and writes to this bit are ignored when the National Compatibility Mode bit of the 10BASE-T Configuration Register (address 1Ch) is set. 8 Remote Loopback Fault Read/Write 0 When set, an interrupt will be generated if the elastic buffer in the PMA is under-run or over-run during Remote Loopback. This should not occur for normal length 802.3 frames. Note: This bit is disabled, and writes to this bit are ignored when the National Compatibility Mode bit of the 10BASE-T Configuration Register (address 1Ch) is set. 7 Reset Complete Read/Write 1 When set, an interrupt will be generated once the digital and analog sections have been reset, and a calibration cycle has been performed. Note: This bit is disabled, and writes to this bit are ignored when the National Compatibility Mode bit of the 10BASE-T Configuration Register (address 1Ch) is set. 6 Jabber Detect Read/Write 0 When set, an interrupt will be generated when a Jab- ber condition is detected by the 10BASE-T MAU. Note: This bit is disabled, and writes to this bit are ignored when the National Compatibility Mode bit of the 10BASE-T Configuration Register (address 1Ch) is set. BIT NAME TYPE RESET DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |