Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 63Page - Cirrus Logic CS8952 Datasheet HTML 64Page - Cirrus Logic CS8952 Datasheet HTML 65Page - Cirrus Logic CS8952 Datasheet HTML 66Page - Cirrus Logic CS8952 Datasheet HTML 67Page - Cirrus Logic CS8952 Datasheet HTML 68Page - Cirrus Logic CS8952 Datasheet HTML 69Page - Cirrus Logic CS8952 Datasheet HTML 70Page - Cirrus Logic CS8952 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
67
ly) on both sides of the TX+/- traces.
No signal current carrying planes, i.e. no
ground or power plane, should be present un-
derneath the region between the transformer
secondary (network) side and the RJ-45. How-
ever,a chassisplane maybeaddedinthisre-
gion to pick up the metal tabs of a shielded RJ-
45. This chassis plane should be separated from
the ground and power planes by at least
50 mils. That is, all other ground and power
planes should be “cookie cuttered” so they are
voided in the area of the chassis plane. Gener-
ally speaking, parts should not cross the moat
except for the transformer.
Proper termination practices must be used with
all transmission lines, especially if sending and
receiving high speed signals on and off the
board. Series terminations must be kept close to
the source and load terminations close to the
load. Thus the TX_NRZ+/- termination com-
ponents must be kept close to the fiber optic
transceiver, and the RX_NRZ+/- and SIG-
NAL+/- termination components must be kept
close to the CS8952.
Locate the crystal as close to the CS8952 as
possible, running short traces on the component
side in order to reduce parasitic load capaci-
tance.
Add bulk capacitance at each connector where
power may be supplied. For example, MII pow-
er may be provided at the MII connector and at
a separate connector for test purposes. If so, and
the two connectors are not adjacent, then the
bulk capacitors should be duplicated in each lo-
cations.
Use wide traces to connect the “Bob Smith” ter-
mination resistors at T1 and the RJ-45 to the
2 KV capacitor or capacitors in order to mini-
mize their lead inductance.
CS8952 Pin
Assignment
T1 Primary Pin
Assignment
T1 Secondary
Pin Assignment
RJ-45 Pin Assignment
Adapter/NIC
Configuration
Hub/Repeater
Configuration
91 (RX+)
1 (RX+)
7 (RX+)
3 (RD+)
1 (RD+)
92 (RX-)
2 (RX-)
6 (RX-)
6 (RD-)
2 (RD-)
81 (TX-)
16 (TX-)
10 (TX-)
2 (TD+)
6 (TD-)
80 (TX+)
15 (TX+)
11 (TX+)
1 (TD+)
3 (TD+)
Table 8. RJ-45 Wiring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com