Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F019 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 175 page
background image
Rev. 1.00
��
De�e��e� 01� �01�
Rev. 1.00
�3
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Timer/Counter Mode
Toselectthismode,bitsCTM1andCTM0intheCTMC1registershouldbesetto11respectively.
TheTimer/CounterModeoperatesinanidenticalwaytotheCompareMatchOutputMode
generatingthesameinterruptflags.TheexceptionisthatintheTimer/CounterModetheCTM
outputpinisnotused.ThereforetheabovedescriptionandTimingDiagramsfortheCompare
MatchOutputModecanbeusedtounderstanditsfunction.AstheCTMoutputpinisnotusedin
thismode,thepincanbeusedasanormalI/Opinorotherpin-sharedfunctions.
PWM Output Mode
Toselectthismode,bitsCTM1andCTM0intheCTMC1registershouldbesetto10respectively.
ThePWMfunctionwithintheCTMisusefulforapplicationswhichrequirefunctionssuchasmotor
control,heatingcontrol,illuminationcontroletc.Byprovidingasignaloffixedfrequencybutof
varyingdutycycleontheCTMoutputpin,asquarewaveACwaveformcanbegeneratedwith
varyingequivalentDCRMSvalues.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMOutputMode,theCTCCLRbithasnoeffectonthe
PWMoperation.BothoftheCCRAandCCRPregistersareusedtogeneratethePWMwaveform,
oneregisterisusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,
whiletheotheroneisusedtocontrolthedutycycle.Whichregisterisusedtocontroleither
frequencyordutycycleisdeterminedusingtheCTDPXbitintheCTMC1register.ThePWM
waveformfrequencyanddutycyclecanthereforebecontrolledbythevaluesintheCCRAand
CCRPregisters.
Aninterruptflag,oneforeachoftheCCRAandCCRP,willbegeneratedwhenacomparematch
occursfromeitherComparatorAorComparatorP.TheCTOCbitintheCTMC1registerisusedto
selecttherequiredpolarityofthePWMwaveformwhilethetwoCTIO1andCTIO0bitsareusedto
enablethePWMoutputortoforcetheTMoutputpintoafixedhighorlowlevel.TheCTPOLbitis
usedtoreversethepolarityofthePWMoutputwaveform.
• 16-bit CTM, PWM Output Mode, Edge-aligned Mode, CTDPX = 0
CCRP
1~255
0
Pe�iod
CCRP�56
65536
Duty
CCRA
IffSYS=16MHz,CTMclocksourceselectfSYS/4,CCRP=2andCCRA=128,
TheCTMPWMoutputfrequency=(fSYS/4)/(2×256)=fSYS/2048=7.8125kHz,duty=128/(2×256)=25%.
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.
• 16-bit CTM, PWM Output Mode, Edge-aligned Mode, CTDPX = 1
CCRP
1~255
0
Pe�iod
CCRA
Duty
CCRP�56
65536
ThePWMoutputperiodisdeterminedbytheCCRAregistervaluetogetherwiththeCTMclock
whilethePWMdutycycleisdefinedbytheCCRPregistervalueexceptwhentheCCRPvalueis
equalto0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com