Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F019 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 175 page
background image
Rev. 1.00
16
De�e��e� 01� �01�
Rev. 1.00
1�
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
A/D Converter Electrical Characteristics
Ta = -40˚C~85˚C, unless otherwise specify
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.�
—
5.5
V
VADI
Input Voltage
—
—
0
—
VREF
V
VREF
Refe�en�e Voltage
—
—
�
—
VDD
V
DNL
Diffe�ential Non-linea�ity
3V
VREF = VDD� tADCK = 0.5μs
-3
—
+3
LSB
5V
3V
VREF = VDD� tADCK = 10μs
5V
INL
Integ�al Non-linea�ity
3V
VREF = VDD� tADCK = 0.5μs
-4
—
+4
LSB
5V
3V
VREF = VDD� tADCK =10μs
5V
IADC
Additional Cu��ent Consu�ption
fo� A/D Conve�te� Ena�le
3V
No load� tADCK = 0.5μs
—
1
�
�A
5V
—
1.5
3
tADCK
Clo�k Pe�iod
—
—
0.5
—
10
μs
tADC
Conve�sion Ti�e
(A/D Sa�ple and Hold Ti�e)
—
—
—
16
—
tADCK
tON�ST
A/D Conve�te� On-to-Sta�t Ti�e
—
—
4
—
—
μs
Reference Voltage Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VBG
Bandgap Refe�en�e Voltage
—
—
-3%
1.�5
+3%
V
tBGS
VBG Tu�n on Sta�le Ti�e
—
No load
—
—
�00
μs
Note:TheVBGvoltageisalsousedastheA/Dconverterinputsignal.
LVD/LVR Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR
Low Voltage Reset
Voltage
—
LVR Ena�le� voltage sele�t �.1V
-5%
�.1
+5%
V
LVR Ena�le� voltage sele�t �.55V
�.55
LVR Ena�le� voltage sele�t 3.15V
3.15
LVR Ena�le� voltage sele�t 3.8V
3.8
VLVD
Low Voltage Dete�to�
Voltage
—
LVD Ena�le� voltage sele�t �.0V
-5%
�.0
+5%
V
LVD Ena�le� voltage sele�t �.�V
�.�
LVD Ena�le� voltage sele�t �.4V
�.4
LVD Ena�le� voltage sele�t �.�V
�.�
LVD Ena�le� voltage sele�t 3.0V
3.0
LVD Ena�le� voltage sele�t 3.3V
3.3
LVD Ena�le� voltage sele�t 3.6V
3.6
LVD Ena�le� voltage sele�t 4.0V
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com