Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F019 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 175 page
background image
Rev. 1.00
�8
De�e��e� 01� �01�
Rev. 1.00
�9
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
Bit3
STOC:STMSTPOutputcontrol
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMOutputMode/SinglePulseOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheSTMoutputpin.Itsoperationdependsupon
whetherSTMisbeingusedintheCompareMatchOutputModeorinthePWM
OutputMode/SinglePulseOutputMode.IthasnoeffectiftheSTMisintheTimer/
CounterMode.IntheCompareMatchOutputModeitdeterminesthelogiclevelof
theSTMoutputpinbeforeacomparematchoccurs.InthePWMOutputModeit
determinesifthePWMsignalisactivehighoractivelow.IntheSinglePulseOutput
ModeitdeterminesthelogicleveloftheSTMoutputpinwhentheSTONbitchanges
fromlowtohigh.
Bit2
STPOL:STMSTPOutputpolaritycontrol
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityoftheSTPoutputpin.WhenthebitissethightheSTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
STMisintheTimer/CounterMode.
Bit1
STDPX:STMPWMduty/periodcontrol
0:CCRP–period;CCRA–duty
1:CCRP–duty;CCRA–period
ThisbitdetermineswhichoftheCCRAandCCRPregistersareusedforperiodand
dutycontrolofthePWMwaveform.
Bit0
STCCLR:STMCounterClearconditionselection
0:ComparatorPmatch
1:ComparatorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.Rememberthatthe
StandardtypeTMcontainstwocomparators,ComparatorAandComparatorP,either
ofwhichcanbeselectedtocleartheinternalcounter.WiththeSTCCLRbitsethigh,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorA.
Whenthebitislow,thecounterwillbeclearedwhenacomparematchoccursfrom
theComparatorPorwithacounteroverflow.Acounteroverflowclearingmethodcan
onlybeimplementediftheCCRPbitsareallclearedtozero.TheSTCCLRbitisnot
usedinthePWMOutputMode,SinglePulseOutputModeorCaptureInputMode.
• STMDL Register
Bit
7
6
5
4
3
2
1
0
Na�e
D�
D6
D5
D4
D3
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:STMCounterLowByteRegisterbit7~bit0
STM16-bitCounterbit7~bit0
• STMDH Register
Bit
7
6
5
4
3
2
1
0
Na�e
D15
D14
D13
D1�
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D15~D8:STMCounterHighByteRegisterbit7~bit0
STM16-bitCounterbit15~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com