Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F019 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 175 page
background image
Rev. 1.00
8
De�e��e� 01� �01�
Rev. 1.00
9
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
General Description
ThedeviceisaFlashMemorytype8-bithighperformanceRISCarchitecturemicrocontroller.
OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,thedevicealso
includesawiderangeoffunctionsandfeatures.OthermemoryincludesanareaofRAMData
MemoryaswellasanareaoftrueEEPROMmemoryforstorageofnon-volatiledatasuchasserial
numbers,calibrationdataetc.
Analogfeaturesincludeamulti-channel12-bitA/Dconverterandacomparatorfunctions.Multiple
andextremelyflexibleTimerModulesprovidetiming,pulsegenerationandPWMgeneration
functions.CommunicationwiththeoutsideworldiscateredforbyincludingfullyintegratedSPI,
I2C,andUARTinterfacefunctions,popularinterfaceswhichprovidedesignerswithameansofeasy
communicationwithexternalperipheralhardware.ProtectivefeaturessuchasaninternalWatchdog
Timer,LowVoltageResetandLowVoltageDetectorcoupledwithexcellentnoiseimmunityand
ESDprotectionensurethatreliableoperationismaintainedinhostileelectricalenvironments.
Afullchoiceofexternalandinternallowandhighoscillatorfunctionsareprovidedincluding
fullyintegratedsystemoscillatorswhichrequirenoexternalcomponentsfortheirimplementation.
Theabilitytooperateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferent
clocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationandminimisepower
consumption.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethatthedeviceswillfindexcellentuseinapplicationssuchaselectronicmetering,
environmentalmonitoring,handheldinstruments,householdappliances,electronicallycontrolled
tools,motordrivinginadditiontomanyothers.
Block Diagram
Inte��upt
Cont�olle�
SYSCLK
LVD/LVR
Sta�k
8-Level
RAM
�56 × 8
ROM
8K × 16
EEPROM
64 × 8
Wat�hdog
Ti�e�
Po�t A D�ive�
HIRC
8/1�/16MHz
LIRC
3�kHz
Pin-Re�apping
Fun�tion
INT0~
INT1
Pin-Sha�e
With Po�t B
Ti�e Bases
Co�pa�ato�
Pin-Sha�e
With Po�t A & B
HXT
LXT
Pin-Sha�e
With Po�t B & C
XT1
XT�
OSC1
OSC�
PA0~PA�
PB0~PB6
PC0~PC�
Po�t B D�ive�
Po�t C D�ive�
HT8 MCU Co�e
Clo�k Syste�
Ti�e�s
Digital Pe�iphe�als
UART
I/O
AN0~AN�
Pin-Sha�e
With Po�t A & B
VREF
Pin-Sha�e
With Po�t A
CMP
_
C+
C-
CX
: Pin-Sha�e Node
VDD
VBGREF
Analog Digital
Conve�te�
1�-�it
ADC
Analog Pe�iphe�als
VDD
VDD
VSS
VSS
: SIM in�luding SPI and I�C
SIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com