Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F0176 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT66F0176
Description  A/D Flash MCU with EEPROM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0176 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT66F0176 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 165 page
background image
Rev. 1.20
66
����st 2�� 201�
Rev. 1.20
6�
����st 2�� 201�
HT66F0176
A/D Flash MCU with EEPROM
HT66F0176
A/D Flash MCU with EEPROM
TM Input/Output Pin Control Register
SelectingtohaveaTMinput/outputorwhethertoretainitsothersharedfunctionisimplemented
usingtherelevantTMpinfunctioncontrolregister,withasinglecontrolbitinthepinfunction
controlregistercorrespondingtoaTMinput/outputpin.Settingthespecificbithighwillsetupthe
correspondingpinasaTMinput/output,ifresettolowthepinwillretainitsoriginalotherfunction.
TM0
(PTM)
P�0/TP0
T0CP
P�0 O�tp�t F�nction
0
1
0
1
O�tp�t
Capt�re Inp�t
0
1
T0C�PTS
PB2/TCK0
TCK0 Inp�t
TCK0PS
0
1
P�5/TCK0
TM0 Function Pin Control Block Diagram
TM1
(PTM)
P��/TP1
T1CP
P�� O�tp�t F�nction
0
1
0
1
O�tp�t
Capt�re Inp�t
0
1
T1C�PTS
P�4/TCK1
TCK1 Inp�t
TCK1PS
0
1
P�6/TCK1
TM1 Function Pin Control Block Diagram
TMPC Register
Bit
7
6
5
4
3
2
1
0
Name
CLOP
—
—
—
—
—
T1CP
T0CP
R/W
R/W
—
—
—
—
—
R/W
R/W
POR
0
—
—
—
—
—
0
0
Bit7
CLOP:CLOpincontrol
0:Disable
1:Enable
Bit6~2
Unimplemented,readas"0"
Bit1
T1CP:TP1pincontrol
0:Disable
1:Enable
Bit0
T0CP:TP0pincontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com