Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F0176 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT66F0176
Description  A/D Flash MCU with EEPROM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0176 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT66F0176 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 165 page
background image
Rev. 1.20
12
����st 2�� 201�
Rev. 1.20
13
����st 2�� 201�
HT66F0176
A/D Flash MCU with EEPROM
HT66F0176
A/D Flash MCU with EEPROM
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal..................................................................................................................................... 80mA
IOHTotal....................................................................................................................................-80mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"Absolute
MaximumRatings"maycausesubstantialdamagetothedevice.Functionaloperationofthe
deviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolonged
exposuretoextremeconditionsmayaffectdevicereliability.
D.C. Characteristics
Fordatainthefollowingtables,notethatfactorssuchasoscillatortype,operatingvoltage,operating
frequency,pinloadconditions,temperatureandprograminstructiontype,etc.,canallexertan
influenceonthemeasuredvalues.
Operating Voltage Characteristics
Ta= -40°C~�5°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Operatin� Volta�e – HXT
—
fSYS=fHXT=�MHz
2.2
—
5.5
V
fSYS=fHXT=12MHz
2.�
—
5.5
fSYS=fHXT=16MHz
3.3
—
5.5
Operatin� Volta�e – HIRC
—
fSYS=fHIRC=�MHz
2.2
—
5.5
V
fSYS=fHIRC=12MHz
2.�
—
5.5
fSYS=fHIRC=16MHz
3.3
—
5.5
Operatin� Volta�e – LXT
—
fSYS=fLXT=32.�6�kHz
2.2
—
5.5
V
Operatin� Volta�e – LIRC
—
fSYS=fLIRC=32kHz
2.2
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com