Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F0176 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT66F0176
Description  A/D Flash MCU with EEPROM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0176 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT66F0176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 165 page
background image
Rev. 1.20
16
����st 2�� 201�
Rev. 1.20
1�
����st 2�� 201�
HT66F0176
A/D Flash MCU with EEPROM
HT66F0176
A/D Flash MCU with EEPROM
Input/Output Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VIL
Inp�t Low Volta�e for I/O Ports
5V
—
0
—
1.5
V
—
—
0
— 0.2VDD
VIH
Inp�t Hi�h Volta�e for I/O Ports
5V
—
3.5
—
5.0
V
—
—
0.�VDD
—
VDD
IOL
Sink C�rrent for I/O Pins
3V
VOL=0.1VDD
16
32
—
m�
5V
32
64
—
IOH
So�rce C�rrent for I/O Pins
3V
VOH=0.9VDD� PxPS[n+1:n]=00�
(x=�� B or C� n=0 or 2)
-1.0
-2.0
—
m�
5V
-2.0
-4.0
—
3V
VOH=0.9VDD� PxPS[n+1:n]=01�
(x=�� B or C� n=0 or 2)
-1.�5 -3.5
—
5V
-3.5
-�.0
—
3V
VOH=0.9VDD� PxPS[n+1:n]=10�
(x=�� B or C� n=0 or 2)
-2.5
-5.0
—
5V
-5.0 -10.0
—
3V
VOH=0.9VDD� PxPS[n+1:n]=11�
(x=�� B or C� n=0 or 2)
-5.5
-11.0
—
5V
-11.0 -22.0
—
RPH
P�ll-hi�h Resistance for I/O Ports(Note)
3V
—
20
60
100
kΩ
5V
—
10
30
50
tTCK
TM Clock Inp�t Minim�m P�lse
Width
—
—
0.3
—
—
μs
tINT
Interr�pt Inp�t Pin Minim�m P�lse
Width
—
—
10
—
—
μs
Note:TheRPHinternalpullhighresistancevalueiscalculatedbyconnectingtogroundandenablingtheinputpin
withapull-highresistorandthenmeasuringtheinputsinkcurrentatthespecifiedsupplyvoltagelevel.
DividingthevoltagebythismeasuredcurrentprovidestheRPHvalue.
Memory Characteristics
Ta= -40°C~�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VRW
VDD for Read / Write
—
—
VDDmin
—
VDDmax
V
Program Flash / Data EEPROM Memory
tDEW
Erase / Write cycle time
—
—
—
2
4
ms
IDDPGM
Pro�rammin� / Erase c�rrent on VDD
—
—
—
—
5.0
m�
EP
Cell End�rance
—
—
100K
—
—
E/W
tRETD
ROM Data Retention time
—
Ta=25°C
—
40
—
Year
RAM Data Memory
VDR
R�M Data Retention volta�e
—
Device in SLEEP Mode
1.0
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com