Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F0176 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F0176
Description  A/D Flash MCU with EEPROM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0176 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F0176 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F0176 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
Rev. 1.20
12
����st 2�� 201�
Rev. 1.20
13
����st 2�� 201�
HT66F0176
A/D Flash MCU with EEPROM
HT66F0176
A/D Flash MCU with EEPROM
Standby Current Characteristics
Ta=25°C
Symbol
Standby Mode
Test Conditions
Min. Typ. Max.
Max.
Unit
VDD
Conditions
85°C
ISTB
SLEEP Mode
2.2V
WDT off
—
0.2
0.6
0.�
μA
3V
—
0.2
0.�
1.0
5V
—
0.5
1.0
1.2
2.2V
WDT on
—
1.2
2.4
2.6
μA
3V
—
1.5
3
3.2
5V
—
2.5
5
5.2
IDLE0 Mode
2.2V
fSUB on
—
2.4
4
4.2
μA
3V
—
3
5
6
5V
—
5
10
12
IDLE1 Mode – HIRC
2.2V
fSUB on� fSYS=�MHz
—
0.25
0.5
0.�
m�
3V
—
0.5
1.0
1.2
5V
—
1.0
2.0
2.2
2.�V
fSUB on� fSYS=12MHz
—
1.0
2.0
2.2
m�
3V
—
1.2
2.4
2.4
5V
—
1.5
3.0
3.2
3.3V
fSUB on� fSYS=16MHz
—
1.5
3.0
3.2
m�
5V
—
2.0
4.0
4.2
IDLE1 Mode – HXT
2.2V
fSUB on� fSYS=�MHz
—
0.25
0.5
0.�
m�
3V
—
0.5
1.0
1.2
5V
—
1.0
2.0
2.2
2.�V
fSUB on� fSYS=12MHz
—
1.0
2.0
2.2
m�
3V
—
1.2
2.4
2.4
5V
—
1.5
3.0
3.2
3.3V
fSUB on� fSYS=16MHz
—
1.5
3.0
3.2
m�
5V
—
2.0
4.0
4.2
Notes:Whenusingthecharacteristictabledata,thefollowingnotesshouldbetakenintoconsideration:
• Anydigitalinputsaresetupinanon-floatingcondition.
• Allmeasurementsaretakenunderconditionsofnoloadandwithallperipheralsinanoffstate.
• TherearenoDCcurrentpaths.
• AllStandbyCurrentvaluesaretakenafteraHALTinstructionexecutionthusstoppingallinstruction
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com