Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F5652 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 224 page
background image
Rev. 1.00
14
De�e��e� 0�� �01�
Rev. 1.00
15
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage (HXT)
—
fSYS=fHXT=8MHz
�.�
—
5.5
V
fSYS=fHXT=1�MHz
�.�
—
5.5
fSYS=fHXT=1�MHz
4.5
—
5.5
Ope�ating Voltage (HIRC)
—
fSYS=fHIRC=4.915�MHz
�.�
—
5.5
V
IDD
Ope�ating Cu��ent (HXT)
3V No load� all pe�iphe�als off�
fSYS=fHXT=8MHz
—
—
1.5
�A
5V
—
—
4.0
3V No load� all pe�iphe�als off�
fSYS=fHXT=1�MHz
—
—
�.5
�A
5V
—
—
5.5
5V No load� all pe�iphe�als off�
fSYS=fHXT=1�MHz
—
—
8.5
�A
Ope�ating Cu��ent (HIRC)
3V No load� all pe�iphe�als off�
fSYS=fHIRC=4.915�×3MHz
—
—
3.0
�A
5V
—
—
�.0
Ope�ating Cu��ent (LXT)
3V No load� all pe�iphe�als off�
fSYS=fLXT=3���8Hz
—
—
30
μA
5V
—
—
50
Ope�ating Cu��ent (LIRC)
3V No load� all pe�iphe�als off�
fSYS=fLIRC=3�kHz
—
—
30
μA
5V
—
—
50
ISTB
Stand�y Cu��ent
(SLEEP0 Mode)
3V No load� all pe�iphe�als off�
WDT off
—
0.�
0.8
μA
5V
—
0.5
1
Stand�y Cu��ent
(SLEEP1 Mode)
3V No load� all pe�iphe�als off�
WDT on
—
—
5
μA
5V
—
—
10
—
No load� all pe�iphe�als off�
WDT off� LVD on
—
—
30
μA
Stand�y Cu��ent
(IDLE0 Mode)
3V No load� all pe�iphe�als off�
fSUB on
—
—
3
μA
5V
—
—
5
Stand�y Cu��ent
(IDLE1 Mode� HIRC)
3V No load� all pe�iphe�als off�
fSUB on� fSYS=fHIRC=4.915�MHz
—
—
1
�A
5V
—
—
�
Stand�y Cu��ent
(IDLE1 Mode� HXT)
3V No load� all pe�iphe�als off�
fSUB on� fSYS=fHXT=1�MHz
—
—
1
�A
5V
—
—
�
VLVR
Low Voltage Reset Voltage
—
LVR ena�le� voltage sele�t �.1V
-5%
�.1
+5%
V
LVR ena�le� voltage sele�t �.55V
�.55
LVR ena�le� voltage sele�t 3.15V
3.15
LVR ena�le� voltage sele�t 3.8V
3.8
ILVR
Additional Cu��ent fo� LVR
Ena�le
—
LVR ena�le� LVD disa�le
—
—
90
μA
VLVD
Low Voltage Dete�to� Voltage
—
LVD ena�le� voltage sele�t �.0V
-5%
�.0
+5%
V
LVD ena�le� voltage sele�t �.�V
�.�
LVD ena�le� voltage sele�t �.4V
�.4
LVD ena�le� voltage sele�t �.�V
�.�
LVD ena�le� voltage sele�t 3.0V
3.0
LVD ena�le� voltage sele�t 3.3V
3.3
LVD ena�le� voltage sele�t 3.�V
3.�
LVD ena�le� voltage sele�t 4.0V
4.0
ILVD
Low Voltage Dete�to� Cu��ent
—
LVR disa�le� LVD ena�le
—
—
1�0
μA
LVR ena�le� LVD ena�le
—
—
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com