Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F5652 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 224 page
background image
Rev. 1.00
18
De�e��e� 0�� �01�
Rev. 1.00
19
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Effective Number of Bits (ENOB)
VOREG=3.3V� VREF=1.�5V� FLMS[�:0]=000
DATA RATE
(SPS)
PGA Gain
1
2
4
8
16
32
64
128
5
19.�
19.8
19.�
19.�
19.�
19.�
19.�
18.�
10
19.4
19.3
19.3
19.3
19.3
19.1
18.�
18.1
�0
19.0
18.8
18.�
18.9
18.8
18.�
18.�
1�.5
40
18.4
18.3
18.3
18.3
18.3
18.1
1�.�
1�.0
80
18.1
1�.9
18.0
1�.9
1�.9
1�.�
1�.�
1�.5
1�0
1�.�
1�.4
1�.4
1�.4
1�.3
1�.1
1�.�
15.9
3�0
15.8
15.8
15.9
15.8
15.9
15.9
15.8
15.3
�40
14.1
14.0
14.0
14.1
14.1
14.0
14.1
14.4
VOREG=3.3V� VREF=1.�5V� FLMS[�:0]=010
DATA RATE
(SPS)
PGA Gain
1
2
4
8
16
32
64
128
1�.5
19.4
18.8
18.�
18.8
18.8
18.�
18.9
18.1
�5
19.0
18.3
18.3
18.3
18.3
18.�
1�.9
1�.3
50
18.5
1�.8
1�.8
1�.8
1�.9
1�.�
1�.4
1�.8
100
18.�
18.�
18.1
18.�
18.1
1�.8
1�.�
1�.4
�00
1�.9
1�.8
1�.8
1�.8
1�.�
1�.3
1�.�
15.9
400
1�.4
1�.�
1�.�
1�.�
1�.1
1�.8
1�.�
15.4
800
1�.�
1�.1
1�.1
1�.1
1�.1
15.9
15.5
14.8
1�00
14.5
14.5
14.5
14.4
14.5
14.5
14.3
14.0
Comparator Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VCMP
Co�pa�ato� Ope�ating Voltage
—
—
�.�
—
5.5
V
ICMP
Co�pa�ato� Ope�ating Cu��ent
3V
—
—
3�
5�
μA
5V
—
—
130
�00
VCMPOS
Co�pa�ato� Input Offset Voltage
—
—
-10
—
10
�V
VHYS
Hyste�esis Width
—
—
�0
40
�0
�V
VCM
Co�pa�ato� Co��on Mode Voltage
Range
—
—
VSS
—
VDD-
1.4V
V
AOL
Co�pa�ato� Open Loop Gain
—
—
�0
80
—
dB
tPD
Co�pa�ato� Response Ti�e
— With 100�V ove�d�ive(Note)
—
�00
450
ns
Note:MeasuredwithcomparatoroneinputpinatVCM=(VDD-1.4)/2whiletheotherpininputtransitionfromVSSto
(VCM+100mV)orfromVDDto(VCM-100mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com