Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F5652 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 224 page
background image
Rev. 1.00
1�
De�e��e� 0�� �01�
Rev. 1.00
1�
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
tRSTD
Syste� Reset Delay Ti�e
(Powe� on Reset)
—
—
�5
50
100
�s
Syste� Reset Delay Ti�e
(Any Reset ex�ept Powe� on
Reset)
—
—
8.3
1�.�
33.3
�s
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� Powe� Down
Mode� fSYS off)
—
fSYS=fLXT
10�4
—
—
tLXT
—
fSYS=fHXT ~ fHXT/�4
10�4
—
—
tHXT
—
fSYS=fHIRC ~ fHIRC/�4
1�
—
—
tHIRC
—
fSYS=fLIRC
1
—
—
tLIRC
Syste� Sta�t-up Ti�e� Pe�iod
(Slow Mode ↔ Normal Mode,
o� fH=fHIRC ↔ fHXT�
o� fSUB=fLIRC ↔ fLXT)
—
fHXT off → on
10�4
—
—
tHXT
—
fHIRC off → on
1�
—
—
tHIRC
—
fLXT off → on
10�4
—
—
tLXT
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� Powe� Down
Mode� fSYS on)
—
fSYS=fH ~ fH/�4�
fSYS=fHXT o� fHIRC
�
—
—
tH
—
fSYS=fLXT o� fLIRC
�
—
—
tSUB
Syste� Sta�t-up Ti�e� Pe�iod
(WDT Ti�e-out Ha�dwa�e Cold
Reset)
—
—
0
—
—
tH
tLVDS
LVDO Sta�le Ti�e
—
Fo� LVR ena�le�
VBGEN=0, LVD off → on
—
—
15
μs
Fo� LVR disa�le�
VBGEN=0, LVD off → on
—
—
150
tLVR
Mini�u� Low Voltage Width to
Reset
—
—
1�0
�40
480
μs
tLVD
Mini�u� Low Voltage Width to
Inte��upt
—
—
�0
1�0
�40
μs
Note:tSYS=1/fSYS
LDO+PGA+ADC+VCM Electrical Characteristics
VDD=VIN� Ta=�5°C
LDO & VCM Test �onditions: MCU ente�s SLEEP �ode� othe� fun�tions disa�led
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VDD
Conditions
VIN
LDO Input Voltage
—
—
�.�
—
5.5
V
IQ
LDO Quies�ent Cu��ent
— LDOVS[1:0]=00B�
VIN=3.�V� No load
—
400
5�0
μA
VOUT_LDO
LDO Output Voltage
—
LDOVS[1:0]=00B�
VIN=3.�V� ILOAD=0.1�A
-5%
�.4
+5%
V
LDOVS[1:0]=01B�
VIN=3.�V� ILOAD=0.1�A
�.�
LDOVS[1:0]=10B�
VIN=3.�V� ILOAD=0.1�A
�.9
LDOVS[1:0]=11B�
VIN=3.�V� ILOAD=0.1�A
3.3
∆VLOAD
LDO Load Regulation(Note 1)
—
LDOVS[1:0]=00B�
VIN=VOUT_LDO+0.�V�
0mA≤ILOAD≤10mA
—
0.105 0.�1
%/�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com