Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F5652 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 224 page
background image
Rev. 1.00
18
De�e��e� 0�� �01�
Rev. 1.00
19
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VDD
Conditions
PGA
VCM_PGA
Co��on Mode Voltage Range
—
—
0.4
—
VOREG
- 0.95
V
∆DI
Diffe�ential Input Voltage Range
— Gain=PGS×AGS
-VREF
/Gain
—
+VREF
/Gain
V
Temperature Sensor
TCTS
Te�pe�atu�e Senso� Te�pe�atu�e
Coefficient
—
Ta=-40°C~85°C� VREF=1.�5V�
VGS[1:0]=00B (Gain=1)�
VRBUFP=0� VRBUFN=0
—
1�5
—
μV/°C
Operational Amplifier
IOPA
Additional Cu��ent fo� OPA
Ena�le
— No load
—
�00
3�0
μA
VOS
Input Offset Voltage
—
—
-�
—
+�
�V
VCM_OPA
Co��on Mode Voltage Range
—
—
VSS
—
VOREG
- 1.4
V
PSRR
Powe� Supply Reje�tion Ratio
—
—
55
�5
—
dB
CMRR
Co��on Mode Reje�tion Ratio
—
—
55
�5
—
dB
D/A Converter
VDACO
Output Voltage Range
—
—
VSS
—
VREF
V
VREF
Refe�en�e Voltage
—
—
1.05
—
VDD
V
IDAC
Additional Cu��ent fo� DAC Ena�le — VREF=5V
—
—
450
μA
DNL
Diffe�ential Non-linea�ity
— 2.4V≤VDD≤5.5V
—
—
±4
LSB
INL
Integ�al Non-linea�ity
— 2.4V≤VDD≤5.5V
—
—
±8
LSB
Note:1.Loadregulationismeasuredataconstantjunctiontemperature,usingpulsetestingwithalowONtime
andisguaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbytheinput/
outputdifferentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnotbe
availableoverthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambient
temperatureisPD=(TJ(MAX)-Ta)/θJA.
2.Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatappointedVIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com