Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100S Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor PSOC4100S Datasheet HTML 28Page - Cypress Semiconductor PSOC4100S Datasheet HTML 29Page - Cypress Semiconductor PSOC4100S Datasheet HTML 30Page - Cypress Semiconductor PSOC4100S Datasheet HTML 31Page - Cypress Semiconductor PSOC4100S Datasheet HTML 32Page - Cypress Semiconductor PSOC4100S Datasheet HTML 33Page - Cypress Semiconductor PSOC4100S Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 30 of 42
SWD Interface
Internal Main Oscillator
Internal Low-Speed Oscillator
Note
12. Guaranteed by design.
Table 28. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID213
F_SWDCLK1
3.3 V
 VDD  5.5 V
–
–
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID214
F_SWDCLK2
1.71 V
 VDD  3.3 V
–
–
7
SWDCLK ≤ 1/3 CPU
clock frequency
SID215[12]
T_SWDI_SETUP T = 1/f SWDCLK
0.25*T
–
–
ns
–
SID216[12]
T_SWDI_HOLD T = 1/f SWDCLK
0.25*T
–
–
–
SID217[12]
T_SWDO_VALID T = 1/f SWDCLK
–
–
0.5*T
–
SID217A[12] T_SWDO_HOLD T = 1/f SWDCLK
1
–
–
–
Table 29. IMO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID218
IIMO1
IMO operating current at 48 MHz
–
–
250
µA–
SID219
IIMO2
IMO operating current at 24 MHz
–
–
180
µA–
Table 30. IMO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID223
FIMOTOL1
Frequency variation at 24, 32, and
48 MHz (trimmed)
––
±2
%
SID226
TSTARTIMO
IMO startup time
–
–
7
µs
–
SID228
TJITRMSIMO2
RMS jitter at 24 MHz
–
145
–
ps
–
Table 31. ILO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID231
IILO1
ILO operating current
–
0.3
1.05
µA
–
Table 32. ILO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID234[12] TSTARTILO1
ILO startup time
–
–
2
ms
–
SID236[12] TILODUTY
ILO duty cycle
40
50
60
%
–
SID237
FILOTRIM1
ILO frequency range
20
40
80
kHz
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com