Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100S Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 32Page - Cypress Semiconductor PSOC4100S Datasheet HTML 33Page - Cypress Semiconductor PSOC4100S Datasheet HTML 34Page - Cypress Semiconductor PSOC4100S Datasheet HTML 35Page - Cypress Semiconductor PSOC4100S Datasheet HTML 36Page - Cypress Semiconductor PSOC4100S Datasheet HTML 37Page - Cypress Semiconductor PSOC4100S Datasheet HTML 38Page - Cypress Semiconductor PSOC4100S Datasheet HTML 39Page - Cypress Semiconductor PSOC4100S Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 36 of 42
Package Diagrams
Figure 7. 64-pin TQFP Package (0.8-mm Pitch) Outline
1
2
L 1
1.00 REF
L
c
0.45 0.60 0.75
0.20
NOM.
MIN.
D1
R2
E1
E
0°
0.08
D
2
A
A
1
A
1.35 1.40
SYMBOL
MAX.
7°
0.20
1.45
1.60
0.15
b
0.30 0.35 0.40
e
0.80 TYP
DIMENSIONS
1
R
0.08
L 2
0.25 BSC
0.05
0.20
15.75 16.00 16.25
13.95 14.00 14.05
L 30.20
0°
1
11°
13°
2
12°
NOTE:
1. JEDEC STD REF MS-026
2. BODY LENGTH DIMENSION DOES NOT
MOLD PROTRUSION/END FLASH SHALL
3. DIMENSIONS IN MILLIMETERS
BODY LENGTH DIMENSIONS ARE MAX PLASTIC
INCLUDE MOLD PROTRUSION/END FLASH
NOT EXCEED 0.0098 in (0.25 mm) PER SIDE
BODY SIZE INCLUDING MOLD MISMATCH
15.75 16.00 16.25
13.95 14.00 14.05
51-85046 *H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com