Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100S Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor PSOC4100S Datasheet HTML 28Page - Cypress Semiconductor PSOC4100S Datasheet HTML 29Page - Cypress Semiconductor PSOC4100S Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 26 of 42
Digital Peripherals
Timer Counter Pulse-Width Modulator (TCPWM)
I2C
SIDA109
A_SND
Signal-to-noise and Distortion ratio
(SINAD)
–
61
–
dB With 10-Hz input sine
wave, external 2.4-V
reference, VREF (2.4 V)
mode
SIDA110
A_BW
Input bandwidth without aliasing
–
–
22.4
KHz 8-bit resolution
SIDA111
A_INL
Integral Non Linearity. 1 ksps
–
–
2
LSB VREF = 2.4 V or greater
SIDA112
A_DNL
Differential Non Linearity. 1 ksps
–
–
1
LSB
Table 14. 10-bit CapSense ADC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Table 15. TCPWM Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.TCPWM.1
ITCPWM1
Block current consumption at 3 MHz
–
–
45
μA
All modes (TCPWM)
SID.TCPWM.2
ITCPWM2
Block current consumption at 12 MHz
–
–
155
All modes (TCPWM)
SID.TCPWM.2A ITCPWM3
Block current consumption at 48 MHz
–
–
650
All modes (TCPWM)
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
–
Fc
MHz Fc max = CLK_SYS
Maximum = 48 MHz
SID.TCPWM.4
TPWMENEXT
Input trigger pulse width
2/Fc
–
–
ns
For all trigger events[7]
SID.TCPWM.5
TPWMEXT
Output trigger pulse widths
2/Fc
–
–
Minimum possible width
of Overflow, Underflow,
and CC (Counter equals
Compare value) outputs
SID.TCPWM.5A TCRES
Resolution of counter
1/Fc
–
–
Minimum time between
successive counts
SID.TCPWM.5B PWMRES
PWM resolution
1/Fc
–
–
Minimum pulse width of
PWM Output
SID.TCPWM.5C QRES
Quadrature inputs resolution
1/Fc
–
–
Minimum pulse width
between Quadrature
phase inputs
Note
7. Guaranteed by characterization.
Table 16. Fixed I2C DC Specifications[7]
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID149
II2C1
Block current consumption at 100 kHz
–
–
50
µA
–
SID150
II2C2
Block current consumption at 400 kHz
–
–
135
–
SID151
II2C3
Block current consumption at 1 Mbps
–
–
310
–
SID152
II2C4
I2C enabled in Deep Sleep mode
–
1
–
Table 17. Fixed I2C AC Specifications[7]
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID153
FI2C1
Bit rate
–
–
1
Msps
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com