Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100S Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor PSOC4100S Datasheet HTML 28Page - Cypress Semiconductor PSOC4100S Datasheet HTML 29Page - Cypress Semiconductor PSOC4100S Datasheet HTML 30Page - Cypress Semiconductor PSOC4100S Datasheet HTML 31Page - Cypress Semiconductor PSOC4100S Datasheet HTML 32Page - Cypress Semiconductor PSOC4100S Datasheet HTML 33Page - Cypress Semiconductor PSOC4100S Datasheet HTML 34Page - Cypress Semiconductor PSOC4100S Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 31 of 42
Watch Crystal Oscillator (WCO)
External Clock
External Crystal Oscillator and PLL
Table 35. External Crystal Oscillator (ECO) Specifications
System Clock
Table 33. WCO Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID398
FWCO
Crystal frequency
–
32.768
–
kHz
SID399
FTOL
Frequency tolerance
–
50
250
ppm
With 20-ppm crystal
SID400
ESR
Equivalent series resistance
–
50
–
kΩ
SID401
PD
Drive Level
–
–
1
µW
SID402
TSTART
Startup time
–
–
500
ms
SID403
CL
Crystal Load Capacitance
6
–
12.5
pF
SID404
C0
Crystal Shunt Capacitance
–
1.35
–
pF
SID405
IWCO1
Operating Current (high power mode)
–
–
8
uA
Table 34. External Clock Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID305[13] ExtClkFreq
External clock input frequency
0
–
48
MHz
–
SID306[13] ExtClkDuty
Duty cycle; measured at VDD/2
45
–
55
%
–
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID316[13] IECO1
External clock input frequency
–
–
1.5
mA
–
SID317[13] FECO
Crystal frequency range
4
–
33
MHz
–
Table 36. PLL Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID410
IDD_PLL_48
In = 3 MHz, Out = 48 MHz
–
530
610
uA
SID411
IDD_PLL_24
In = 3 MHz, Out = 24 MHz
–
300
405
uA
SID412
Fpllin
PLL input frequency
1
–
48
MHz
SID413
Fpllint
PLL intermediate frequency; prescaler out
1
–
3MHz
SID414
Fpllvco
VCO output frequency before post-divide
22.5
–
104
MHz
SID415
Divvco
VCO Output post-divider range; PLL
output frequency is Fpplvco/Divvco
1
–
8
SID416
Plllocktime
Lock time at startup
––
250
µs
SID417
Jperiod_1
Period jitter for VCO ≥ 67 MHz
––
150
ps
Guaranteed by design
SID416A
Jperiod_2
Period jitter for VCO ≤ 67 MHz
––
200
ps
Guaranteed by design
Note
13. Guaranteed by characterization.
Table 37. Block Specs
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID262[13] TCLKSWITCH
System clock source switching time
3
–
4
Periods
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com