Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100S Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor PSOC4100S Datasheet HTML 24Page - Cypress Semiconductor PSOC4100S Datasheet HTML 25Page - Cypress Semiconductor PSOC4100S Datasheet HTML 26Page - Cypress Semiconductor PSOC4100S Datasheet HTML 27Page - Cypress Semiconductor PSOC4100S Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 24 of 42
CSD and IDAC
Table 13. CSD and IDAC Specifications
SPEC ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SYS.PER#3
VDD_RIPPLE
Max allowed ripple on power supply,
DC to 10 MHz
–
–
±50
mV
VDD > 2 V (with ripple),
25 °C TA, Sensitivity =
0.1 pF
SYS.PER#16
VDD_RIPPLE_1.8
Max allowed ripple on power supply,
DC to 10 MHz
–
–
±25
mV
VDD > 1.75V (with ripple),
25 °C TA, Parasitic Capaci-
tance (CP) < 20 pF,
Sensitivity ≥ 0.4 pF
SID.CSD.BLK
ICSD
Maximum block current
–
–
4000
µA
Maximum block current for
both IDACs in dynamic
(switching) mode including
comparators, buffer, and
reference generator
SID.CSD#15
VREF
Voltage reference for CSD and
Comparator
0.6
1.2
VDDA - 0.6
V
VDDA - 0.06 or 4.4,
whichever is lower
SID.CSD#15A
VREF_EXT
External Voltage reference for CSD
and Comparator
0.6
VDDA - 0.6
V
VDDA - 0.06 or 4.4,
whichever is lower
SID.CSD#16
IDAC1IDD
IDAC1 (7-bits) block current
–
–
1750
µA
SID.CSD#17
IDAC2IDD
IDAC2 (7-bits) block current
–
–
1750
µA
SID308
VCSD
Voltage range of operation
1.71
–
5.5
V
1.8 V ±5% or 1.8 V to 5.5 V
SID308A
VCOMPIDAC
Voltage compliance range of IDAC
0.6
–
VDDA –0.6
V
VDDA - 0.06 or 4.4,
whichever is lower
SID309
IDAC1DNL
DNL
–1
–
1
LSB
SID310
IDAC1INL
INL
–2
–
2
LSB
INL is ±5.5 LSB for VDDA <
2V
SID311
IDAC2DNL
DNL
–1
–
1
LSB
SID312
IDAC2INL
INL
–2
–
2
LSB
INL is ±5.5 LSB for VDDA <
2V
SID313
SNR
Ratio of counts of finger to noise.
Guaranteed by characterization
5–
–
Ratio Capacitance range of 5 to
35 pF, 0.1-pF sensitivity. All
use cases. VDDA > 2 V.
SID314
IDAC1CRT1
Output current of IDAC1 (7 bits) in
low range
4.2
–
5.4
µA
LSB = 37.5-nA typ
SID314A
IDAC1CRT2
Output current of IDAC1(7 bits) in
medium range
34
–
41
µA
LSB = 300-nA typ
SID314B
IDAC1CRT3
Output current of IDAC1(7 bits) in
high range
275
–
330
µA
LSB = 2.4-µA typ
SID314C
IDAC1CRT12
Output current of IDAC1 (7 bits) in
low range, 2X mode
8–
10.5
µA
LSB = 75-nA typ
SID314D
IDAC1CRT22
Output current of IDAC1(7 bits) in
medium range, 2X mode
69
–
82
µA
LSB = 600-nA typ.
SID314E
IDAC1CRT32
Output current of IDAC1(7 bits) in
high range, 2X mode
540
–
660
µA
LSB = 4.8-µA typ
SID315
IDAC2CRT1
Output current of IDAC2 (7 bits) in
low range
4.2
–
5.4
µA
LSB = 37.5-nA typ
SID315A
IDAC2CRT2
Output current of IDAC2 (7 bits) in
medium range
34
–
41
µA
LSB = 300-nA typ
SID315B
IDAC2CRT3
Output current of IDAC2 (7 bits) in
high range
275
–
330
µA
LSB = 2.4-µA typ
SID315C
IDAC2CRT12
Output current of IDAC2 (7 bits) in
low range, 2X mode
8–
10.5
µA
LSB = 75-nA typ
SID315D
IDAC2CRT22
Output current of IDAC2(7 bits) in
medium range, 2X mode
69
–
82
µA
LSB = 600-nA typ
SID315E
IDAC2CRT32
Output current of IDAC2(7 bits) in
high range, 2X mode
540
–
660
µA
LSB = 4.8-µA typ
SID315F
IDAC3CRT13
Output current of IDAC in 8-bit mode
in low range
8–
10.5
µA
LSB = 37.5-nA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com