Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100S Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 30Page - Cypress Semiconductor PSOC4100S Datasheet HTML 31Page - Cypress Semiconductor PSOC4100S Datasheet HTML 32Page - Cypress Semiconductor PSOC4100S Datasheet HTML 33Page - Cypress Semiconductor PSOC4100S Datasheet HTML 34Page - Cypress Semiconductor PSOC4100S Datasheet HTML 35Page - Cypress Semiconductor PSOC4100S Datasheet HTML 36Page - Cypress Semiconductor PSOC4100S Datasheet HTML 37Page - Cypress Semiconductor PSOC4100S Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 34 of 42
The nomenclature used in the preceding table is based on the following part numbering convention:
The following is an example of a part number:
Field
Description
Values
Meaning
CY8C
Cypress Prefix
4
Architecture
4
PSoC 4
A
Family
1
4100 Family
B
CPU Speed
2
24 MHz
448 MHz
C
Flash Capacity
4
16 KB
532 KB
664 KB
7
128 KB
DE
Package Code
AX
TQFP (0.8-mm pitch)
AZ
TQFP (0.5-mm pitch)
LQ
QFN
PV
SSOP
FN
CSP
F
Temperature Range
I
Industrial
S
Series Designator
S
PSoC 4 S-Series
M
PSoC 4 M-Series
L
PSoC 4 L-Series
BL
PSoC 4 BLE-Series
XYZ
Attributes Code
000-999
Code of feature set in the specific family
CY8C 4 A B C DE F – XYZ
Cypress Prefix
Architecture
Family within Architecture
CPU Speed
Temperature Range
Package Code
Flash Capacity
Attributes Code
Example
4: PSoC 4
1: 4100 Family
4: 48 MHz
I : Industrial
AZ/AX:TQFP
5: 32KB
S
Series Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com