Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB9B320M Datasheet HTML 1Page - Cypress Semiconductor MB9B320M Datasheet HTML 2Page - Cypress Semiconductor MB9B320M Datasheet HTML 3Page - Cypress Semiconductor MB9B320M Datasheet HTML 4Page - Cypress Semiconductor MB9B320M Datasheet HTML 5Page - Cypress Semiconductor MB9B320M Datasheet HTML 6Page - Cypress Semiconductor MB9B320M Datasheet HTML 7Page - Cypress Semiconductor MB9B320M Datasheet HTML 8Page - Cypress Semiconductor MB9B320M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 3 of 108
MB9B320M Series
Quadrature Position/Revolution Counter (QPRC)
(Max two channels)
The Quadrature Position/Revolution Counter (QPRC) is used
to measure the position of the position encoder. Moreover, it is
possible to use as the up/down counter.
The detection edge of the three external event input pins AIN,
BIN and ZIN is configurable.
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers
Multi-function Timer
The Multi-function timer is composed of the following blocks.
16-bit free-run timer × 3ch./unit
Input capture × 4ch./unit
Output compare × 6ch./unit
A/D activation compare × 2ch./unit
Waveform generator × 3ch./unit
16-bit PPG timer × 3ch./unit
The following function can be used to achieve the motor
control.
PWM signal output function
DC chopper waveform output function
Dead time function
Input capture function
A/D convertor activate function
DTIF (Motor emergency stop) interrupt function
Real-time clock (RTC)
The Real-time clock can count
Year/Month/Day/Hour/Minute/Second/A day of the week from
00 to 99.
The interrupt function with specifying date and time
(Year/Month/Day/Hour/Minute) is available. This function is
also available by specifying only Year, Month, Day, Hour or
Minute.
Timer interrupt function after set time or each set time.
Capable of rewriting the time with continuing the time count.
Leap year automatic count is available.
Watch Counter
The Watch counter is used for wake up from Sleep and Timer
mode.
Interval timer: up to 64 s (Max) @ Sub Clock : 32.768 kHz
External Interrupt Controller Unit
Up to 23 external interrupt input pins @ 80 pin Package
Include one non-maskable interrupt (NMI) input pin
Watchdog Timer (Two channels)
A watchdog timer can generate interrupts or a reset when a
time-out value is reached.
This series consists of two different watchdogs, a "Hardware"
watchdog and a "Software" watchdog.
The "Hardware" watchdog timer is clocked by the built-in
Low-speed CR oscillator. Therefore, the "Hardware" watchdog
is active in any low-power consumption modes except RTC,
Stop, Deep Standby RTC, Deep Standby Stop modes.
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator calculates the CRC which has a heavy
software processing load, and achieves a reduction of the
integrity check processing load for reception data and storage.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 Generator Polynomial: 0x1021
IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
Clock and Reset
[Clocks]
Selectable from five clock sources (2 external oscillators, 2
built-in CR oscillators, and Main PLL).
Main Clock:
4 MHz to 48 MHz
Sub Clock:
32.768 kHz
Built-in High-speed CR Clock: 4 MHz
Built-in Low-speed CR Clock: 100 kHz
Main PLL Clock
[Resets]
Reset requests from INITX pin
Power-on reset
Software reset
Watchdog timers reset
Low-voltage detection reset
Clock Super Visor reset
Clock Super Visor (CSV)
Clocks generated by built-in CR oscillators are used to
supervise abnormality of the external clocks.
If external clock failure (clock stop) is detected, reset is
asserted.
If external frequency anomaly is detected, interrupt or reset is
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com