Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 99 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 99 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 95Page - Cypress Semiconductor MB9B320M Datasheet HTML 96Page - Cypress Semiconductor MB9B320M Datasheet HTML 97Page - Cypress Semiconductor MB9B320M Datasheet HTML 98Page - Cypress Semiconductor MB9B320M Datasheet HTML 99Page - Cypress Semiconductor MB9B320M Datasheet HTML 100Page - Cypress Semiconductor MB9B320M Datasheet HTML 101Page - Cypress Semiconductor MB9B320M Datasheet HTML 102Page - Cypress Semiconductor MB9B320M Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 99 of 108
MB9B320M Series
Package Type
Package Code
LQFP 64
LQG064
DIMENSION
SYMBOL
MIN.
NOM. MAX.
A
1.70
A1
0.00
0.20
b
0.27
0.32
0.37
c
0.09
0.20
D
14.00 BSC
D1
12.00 BSC
e
0.65 BSC
E
E1
L
0.45
0.60
0.75
L1
0.30
0.50
0.70
14.00 BSC
12.00 BSC
0
D1
D
e
1
16
64
E
E1
4
5
7
4
5 7
3
3
0.20 C A-B D
b
0.10 C A-B D
0.13
C A-B
D
8
7
5
2
2
0.10 C
A
A'
SEATI NG
PLA NE
b
SEC TION A -A'
c
9
A
A1
0.2 5
10
L1
L
SIDE VIEW
TOP VIEW
BOTTOM VIEW
17
32
33
48
49
1
16
17
32
64
49
8
4
3
3
12.0X12.0X1.7 MM LQG064 REV**
PACKAGE OUTLINE, 64 LEAD LQFP
002-13881 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com