Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 98Page - Cypress Semiconductor MB9B320M Datasheet HTML 99Page - Cypress Semiconductor MB9B320M Datasheet HTML 100Page - Cypress Semiconductor MB9B320M Datasheet HTML 101Page - Cypress Semiconductor MB9B320M Datasheet HTML 102Page - Cypress Semiconductor MB9B320M Datasheet HTML 103Page - Cypress Semiconductor MB9B320M Datasheet HTML 104Page - Cypress Semiconductor MB9B320M Datasheet HTML 105Page - Cypress Semiconductor MB9B320M Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 102 of 108
MB9B320M Series
Package Type
Package Code
QFN 48
VNA048
DIMENSIONS
NOM.
MIN.
b
E
5.50 BSC
7.00 BSC
D
A
1
A
7.00 BSC
0.00
SYMBOL
MAX.
0.90
0.05
2. DIMENSIONING AND TOLERANCINC CONFORMS TO ASME Y14.5-1994.
3. N IS THE TOTAL NUMBER OF TERMINALS.
4. DIMENSION "b" APPLIES TO METALLIZED TERMINAL AND IS MEASURED
BETWEEN 0.15 AND 0.30mm FROM TERMINAL TIP.IF THE TERMINAL HAS
THE OPTIONAL RADIUS ON THE OTHER END OF THE TERMINAL. THE
DIMENSION "b"SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
5. ND REFER TO THE NUMBER OF TERMINALS ON D OR E SIDE.
6. MAX. PACKAGE WARPAGE IS 0.05mm.
1. ALL DIMENSIONS ARE IN MILLIMETERS.
0.50 BSC
L
0.20
0.25
0.30
E
D2
2
5.50 BSC
e
R
0.20 REF
7. MAXIMUM ALLOWABLE BURRS IS 0.076mm IN ALL DIRECTIONS.
8. PIN #1 ID ON TOP WILL BE LOCATED WITHIN INDICATED ZONE.
9. BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSEDHEAT
SINK SLUG AS WELL AS THE TERMINALS.
0.40
0.35
0.45
NOTE
10. JEDEC SPEC
IFICATIONNO . REF : N/A
SIDE VIEW
BOTTOM VIEW
TOP VIEW
D
A
E
B
0.10 C
2X
0.10 C
2X
0.10 C
A
A1
0.05 C
C
SEATING PLANE
D2
E2
0.10
C A B
0.10
C A B
1
48
e
b
0.10
C A B
0.05
C
R
(ND-1)
e
INDEX MARK
8
4
5
9
L
9
12
13
24
36
25
37
PACKAGE OUTLINE, 48 LEAD QFN
7.0X7.0X0.9 MMVNA048 5.5X5.5 MMEPAD(SAWN) REV**
002-15528 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com