Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 99Page - Cypress Semiconductor MB9B320M Datasheet HTML 100Page - Cypress Semiconductor MB9B320M Datasheet HTML 101Page - Cypress Semiconductor MB9B320M Datasheet HTML 102Page - Cypress Semiconductor MB9B320M Datasheet HTML 103Page - Cypress Semiconductor MB9B320M Datasheet HTML 104Page - Cypress Semiconductor MB9B320M Datasheet HTML 105Page - Cypress Semiconductor MB9B320M Datasheet HTML 106Page - Cypress Semiconductor MB9B320M Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 103 of 108
MB9B320M Series
Package Type
Package Code
FBGA 96
FDG096
N IS THE NUMBER OF POPULATED SOLDER BALL POSITIONS FOR MATRIX
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE OUTER ROW,
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE OUTER ROW,
DEFINE THE POSITION OF THE CENTER SOLDER BALL IN THE OUTER ROW.
"SD" AND "SE" ARE MEASURED WITH RESPECT TO DATUMS A AND B AND
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E" DIRECTION.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D" DIRECTION.
"e" REPRESENTSTHE SOLDER BALL GRID PITCH.
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL DIAMETER IN A
SOLDER BALL POSITION DESIGNATIO
N PER JEP95, SECTION 3, SPP-020.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED SOLDER
A1 CORNER TO BE IDENTIFIED BY
CHAMFER, LASER OR INK MARK
8.
7.
6.
NOTES:
5.
4.
3.
2.
1. ALL DIMENSIONS ARE IN MILLIMETERS.
SD
b
eE
eD
ME
N
0.20
0.00
0.50 BSC
0.50 BSC
0.30
96
11
0.40
DIMENSIONS
D1
MD
E1
E
D
A
A1
SYMBOL
0.15
MIN.
-
5.00 BSC
5.00 BSC
11
6.00 BSC
6.00 BSC
NOM.
-
1.30
0.35
MAX.
SE
0.00
0.25
METALIZED MARK, INDENTATION OR OTHER MEANS.
"SD" = eD/2 AND "SE" = eE/2.
PLANE PARALLEL TO DATUM C.
"SD" OR "SE" = 0.
SIZE MD X ME.
BALLS.
A
0.20 C
2X
B
0.20 C
2X
INDEX MARK
PIN A1
CORNER
7
1
2
3
4
5
6
7
8
9
10
11
A
B
C
D
E
F
G
H
J
K
L
96xφb
0.05
C A B
5
6
6
SIDE VIEW
0.20 C
0.08 C
C
DETAIL A
BOTTOM VIEW
TOP VIEW
DETAIL A
6.0X6.0X1.3 MM FDG096 REV**
PACKAGE OUTLINE, 96 BALL FBGA
002-13224 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com