Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 45Page - Cypress Semiconductor MB9B320M Datasheet HTML 46Page - Cypress Semiconductor MB9B320M Datasheet HTML 47Page - Cypress Semiconductor MB9B320M Datasheet HTML 48Page - Cypress Semiconductor MB9B320M Datasheet HTML 49Page - Cypress Semiconductor MB9B320M Datasheet HTML 50Page - Cypress Semiconductor MB9B320M Datasheet HTML 51Page - Cypress Semiconductor MB9B320M Datasheet HTML 52Page - Cypress Semiconductor MB9B320M Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 49 of 108
MB9B320M Series
List of Pin Status
Function group
Power-on
reset or
low-
voltage
detection
state
INITX
input
state
Device
internal
reset
state
Run
mode or
SLEEP
mode
state
Timer mode,
RTC mode, or
STOP mode state
Deep standby
RTC mode or Deep
standby STOP mode
state
Return
from
Deep
standby
mode
state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
-
INITX = 0
INITX = 1
INITX = 1
INITX = 1
INITX = 1
INITX = 1
-
-
-
-
SPL = 0
SPL = 1
SPL = 0
SPL = 1
-
A
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected
Internal
input
fixed at
"0"
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected
Main crystal
oscillator input pin/
External main
clock input
selected
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
B
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected
Internal
input
fixed at
"0"
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected
External main
clock input
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state
Main crystal
oscillator output
pin
Hi-Z /
Internal
input fixed
at "0"/
or Input
enable
Hi-Z /
Internal
input
fixed at
"0"
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Whe
n
oscillation
stops*1,
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Wh
en
oscillation
stops*1,
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Wh
en
oscillation
stops*1,
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Wh
en
oscillation
stops*1,
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Wh
en
oscillation
stops*1,
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Whe
n
oscillation
stops*1,
Hi-Z /
Internal
input fixed
at "0"
C
INITX
input pin
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
D
Mode
input pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com