Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 92Page - Cypress Semiconductor MB9B320M Datasheet HTML 93Page - Cypress Semiconductor MB9B320M Datasheet HTML 94Page - Cypress Semiconductor MB9B320M Datasheet HTML 95Page - Cypress Semiconductor MB9B320M Datasheet HTML 96Page - Cypress Semiconductor MB9B320M Datasheet HTML 97Page - Cypress Semiconductor MB9B320M Datasheet HTML 98Page - Cypress Semiconductor MB9B320M Datasheet HTML 99Page - Cypress Semiconductor MB9B320M Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 96 of 108
MB9B320M Series
14. Package Dimensions
Package Type
Package Code
LQFP 80
LQH080
DIMENSIONS
MIN. NOM. MAX.
0
7
.
1
A
A1
0.05
0.15
b
0.15
0.27
c
0.09
0.20
D
14.00 BSC.
D1
12.00 BSC.
e
0.50 BSC
E
E1
L
0.45
0.60
0.75
L1
0.30
0.50
0.70
14.00 BSC.
12.00 BSC.
SYMBOL
BOTTOM VIEW
A
A1
0.25
1
80
D1
D
e
b
D
0.20 C A-B D
0.10 C A-B D
0.08
C A-B
D
E
E1
4
5 7
3
4
5
7
3
8
7
5
2
10
b
SECTION A-A'
c
9
2
SEATING
PLANE
0.08 C
A
A'
6
L1
L
SIDE VIEW
TOP VIEW
20
21
40
1
4
0
6
61
0
6
1
4
80
61
21
40
1
20
PACKAGE OUTLINE, 80 LEAD LQFP
12.0X12.0X1.7 MM LQH080 Rev **
002-11501 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com