Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 18Page - Cypress Semiconductor MB9B320M Datasheet HTML 19Page - Cypress Semiconductor MB9B320M Datasheet HTML 20Page - Cypress Semiconductor MB9B320M Datasheet HTML 21Page - Cypress Semiconductor MB9B320M Datasheet HTML 22Page - Cypress Semiconductor MB9B320M Datasheet HTML 23Page - Cypress Semiconductor MB9B320M Datasheet HTML 24Page - Cypress Semiconductor MB9B320M Datasheet HTML 25Page - Cypress Semiconductor MB9B320M Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 22 of 108
MB9B320M Series
Pin No
Pin Name
I/O circuit
type
Pin state
type
LQFP-80
BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
76
C4
60
44
P60
J*
N
SIN5_0
TIOA2_2
INT15_1
WKUP3
IGTRG_1
AN21
77
A4
61
45
USBVCC
-
78
A3
62
46
P80
H
H
UDM0
INT16_1
79
A2
63
47
P81
H
H
UDP0
INT17_1
80
A1
64
48
VSS
-
-
A5, A7, A11, B2,
B10, C3, C9, D11,
F1, F2, F3, J3, J9,
K2, K10, L6
-
-
VSS
-
*: 5 V tolerant I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com