Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 78 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 74Page - Cypress Semiconductor MB9B320M Datasheet HTML 75Page - Cypress Semiconductor MB9B320M Datasheet HTML 76Page - Cypress Semiconductor MB9B320M Datasheet HTML 77Page - Cypress Semiconductor MB9B320M Datasheet HTML 78Page - Cypress Semiconductor MB9B320M Datasheet HTML 79Page - Cypress Semiconductor MB9B320M Datasheet HTML 80Page - Cypress Semiconductor MB9B320M Datasheet HTML 81Page - Cypress Semiconductor MB9B320M Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 78 of 108
MB9B320M Series
12.4.12 I2C Timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Standard-
mode
Fast-
mode
Unit
Remarks
Min
Max
Min
Max
SCL clock frequency
fSCL
CL = 30 pF,
R = (VP/IOL)*
1
0
100
0
400
kHz
(Repeated) START condition hold time
SDA
↓ → SCL ↓
tHDSTA
4.0
-
0.6
-
μs
SCL clock L width
tLOW
4.7
-
1.3
-
μs
SCL clock H width
tHIGH
4.0
-
0.6
-
μs
(Repeated) START condition setup time
SCL
↑ → SDA ↓
tSUSTA
4.7
-
0.6
-
μs
Data hold time
SCL
↓ → SDA ↓ ↑
tHDDAT
0
3.45*2
0
0.9*3
μs
Data setup time
SDA
↓ ↑ → SCL ↑
tSUDAT
250
-
100
-
ns
STOP condition setup time
SCL
↑ → SDA ↑
tSUSTO
4.0
-
0.6
-
μs
Bus free time between
STOP condition and
START condition
tBUF
4.7
-
1.3
-
μs
Noise filter
tSP
-
2 tCYCP*4
-
2 tCYCP*4
-
ns
*1: R and CL represent the pull-up resistor and load capacitance of the SCL and SDA lines, respectively.
VP indicates the power supply voltage of the pull-up resistor and IOL indicates VOL guaranteed current.
*2: The maximum tHDDAT must satisfy that it does not extend at least L period (tLOW) of device's SCL signal.
*3: A Fast mode I2C bus device can be used on a Standard mode I2C bus system as long as the device satisfies the requirement of
“tSUDAT ≥ 250 ns”.
*4: tCYCP is the APB bus clock cycle time.
About the APB bus number that I2
C is connected to, see “Block Diagram” in this data sheet.
To use Standard-mode, set the APB bus clock at 2 MHz or more
To use Fast-mode, set the APB bus clock at 8 MHz or more.
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com